Electronic Components Datasheet Search
  English  ▼

X  

4694 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4694
Description  Adafruit SHARP Memory Display Breakout - 2.7" 400x240 Monochrome
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4694 Datasheet(HTML) 2 Page - Adafruit Industries

  4694 Datasheet HTML 1Page - Adafruit Industries 4694 Datasheet HTML 2Page - Adafruit Industries 4694 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The display is 'write only' which means that it only needs 3 pins to send data.
However, the downside of a write-only display is that the entire 400x240 bits
(13.5 KB) must be buffered by the microcontroller driver. That means you
cannot use this with an ATmega328 (e.g. Arduino UNO) or ATmega32u4 (Feather
32u4, etc). You must use a high-RAM chip such as ATSAMD21 (Feather M0),
Teensy, ESP8266, ESP32, etc. On those chips, this display works great and looks
fantastic.
Please note, the animation of the display showing the Bad Apple demo is scaled
up which is why it looks blocky, the animation is there to show you the contrast
and refresh not resolution!
Check our our detailed guide for wiring diagrams, schematics, libraries, code,
Fritzing objects, etc!
TECHNICAL DETAILS
•
Display dimensions (viewable): 58.8mm × 35.3mm
•
Dot pitch: 0.147 mm (square)
•
Display size: 6.86 cm / 2.7" diagonal



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com