Electronic Components Datasheet Search
  English  ▼

X  

5505 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 5505
Description  LED Filament - 3V 26mm long - Warm White 3 Pack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

5505 Datasheet(HTML) 1 Page - Adafruit Industries

  5505 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 5505

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5505 MOLEX11-5505 Datasheet
23Kb / 1P
J5800-001 INSERTION TOOL PRODUCT SPECIFICATION
logo
List of Unclassifed Man...
5505 ETC-5505 Datasheet
31Kb / 1P
High Current RF Chokes
logo
Bourns Electronic Solut...
5505-RC BOURNS-5505-RC Datasheet
469Kb / 1P
High Current Chokes
logo
Festo Corporation.
550500 FESTO-550500 Datasheet
116Kb / 2P
Air preparation combination unit
2/9/22
550501 FESTO-550501 Datasheet
114Kb / 2P
Air preparation combination unit
2/3/22
More results

Similar Description - 5505

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NESL064AT NICHIA-NESL064AT Datasheet
521Kb / 15P
WARM WHITE LED
NFSL036LT NICHIA-NFSL036LT Datasheet
304Kb / 14P
WARM WHITE LED
NSPL515S NICHIA-NSPL515S Datasheet
333Kb / 15P
WARM WHITE LED
logo
OptoSupply Internationa...
OSM5XAE3E1E OPTOSUPPLY-OSM5XAE3E1E Datasheet
111Kb / 1P
Xeon 3 Power Warm White LED
OSM5XAT3C1E OPTOSUPPLY-OSM5XAT3C1E Datasheet
107Kb / 1P
5x5x1.3mmTops 3 Power Warm White LED
OSM5XME3C1E OPTOSUPPLY-OSM5XME3C1E Datasheet
119Kb / 1P
Xeon 3 Power Warm White LED
OSM5XME3C1E OPTOSUPPLY-OSM5XME3C1E_12 Datasheet
153Kb / 2P
Xeon 3 Power Warm White LED
logo
Marl International Limi...
NSPL515DS MARL-NSPL515DS Datasheet
500Kb / 15P
WARM WHITE LED
logo
OptoSupply Internationa...
OSM5XNE3E1E OPTOSUPPLY-OSM5XNE3E1E Datasheet
177Kb / 2P
Xeon 3 Power Warm White LED
OSM5XNE3E1E_VER.C.2 OPTOSUPPLY-OSM5XNE3E1E_VER.C.2 Datasheet
177Kb / 2P
xeon 3 power warm white led
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com