Electronic Components Datasheet Search
  English  ▼

X  

5685 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 5685
Description  Side-Light Flexible White LED Strip - 480 LEDs per meter - 1m - Ceel White ~6500K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

5685 Datasheet(HTML) 1 Page - Adafruit Industries

  5685 Datasheet HTML 1Page - Adafruit Industries 5685 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 5685

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5685 ALPHAWIRE-5685 Datasheet
411Kb / 4P
26 (7/34) AWG Tinned Copper
logo
Walther-Werke
568504 WALTHER-568504 Datasheet
437Kb / 4P
Channel installation sockets IP 44
568509 WALTHER-568509 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Freescale Semiconductor...
56852 FREESCALE-56852 Datasheet
1Mb / 48P
16-bit Digital Signal Controllers
logo
NXP Semiconductors
56852 NXP-56852 Datasheet
1Mb / 48P
16-bit Digital Signal Controllers
Rev. 8 01/2007
More results

Similar Description - 5685

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
LM-FB26W CML-LM-FB26W Datasheet
198Kb / 1P
Flexible Bar LED Module - White
LM-FB26W-12 CML-LM-FB26W-12 Datasheet
199Kb / 1P
Flexible Bar LED Module - White
logo
OptoSupply Internationa...
OSMH50830GP-R5MAS1C1A-D OPTOSUPPLY-OSMH50830GP-R5MAS1C1A-D Datasheet
122Kb / 4P
White LED Ribbon Light
logo
Ningbo Foryard Optoelec...
FYSH-5050RGB-150-12VWWF FORYARD-FYSH-5050RGB-150-12VWWF Datasheet
735Kb / 7P
Waterproof Flexible RGB LED Strip With White PCB
logo
List of Unclassifed Man...
OVQ12S30B7 ETC2-OVQ12S30B7 Datasheet
331Kb / 3P
Flexible LED Light Strip
OVQ12S30R7 ETC2-OVQ12S30R7 Datasheet
331Kb / 3P
Flexible LED Light Strip
logo
Rohm
CSL0406WBCW ROHM-CSL0406WBCW Datasheet
883Kb / 8P
Side view white LEDs
CSL0406WBCW ROHM-CSL0406WBCW_17 Datasheet
413Kb / 11P
Side view white LEDs
logo
TT Electronics.
OVQ12S30X7 TTELEC-OVQ12S30X7 Datasheet
706Kb / 3P
Flexible LED Light Strip 30 LEDs per strip
QVQ12S30X7 TTELEC-QVQ12S30X7 Datasheet
331Kb / 3P
Flexible LED Light Strip 30 LEDs per strip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com