Electronic Components Datasheet Search
  English  ▼

X  

8221 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 8221
Description  USB to 16 Isolated Inputs / 16 Reed Relay Outputs Digital Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

8221 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  8221 Datasheet HTML 1Page - Sealevel Systems, Inc. 8221 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
USB to 16 Isolated Inputs / 16 Reed Relay Outputs Digital Interface Adapter
Part: 8221 | Model: SeaDAC DIO-32
Features
• 16 optically isolated inputs
• 16 SPST Form A Reed relays
• Removable screw terminals simplify field wiring
• High-retention USB Type B connector prevents accidental
disconnection of USB cable
• Powered by USB connection
• Sealevel SeaMAX software supports Microsoft Windows and Linux
operating systems
• Housed in rugged, attractive plastic enclosure
• 72-inch USB A to B cable included
Specifications
Family
SeaDAC
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Contact Current
500mA max.
Contact Operate Time
0.5ms max.
Contact Release Time
0.2ms max.
Contact Voltage
60VDC max.
Digital I/O
Isolated Inputs, Reed Relay Outputs
Dimensions
9.2 (L) x 5.3 (W) x 1.7 (H)
Extended Temperature
Call for Options
Contact Bounce Time
0.5ms max.
Input Range
5-30 VDC
Input Isolation
300V
Host Interface(s)
USB
Modbus
Modbus RTU
Number of Inputs/
Outputs
16 Inputs16 Outputs
Operating Temperature
0°C to 70°C (32°F to 158°F)
# of Ports
16/16
Power Requirement
+5V @ 500mA
Storage Temperature
-50°C to 105°C (-58°F to 221°F)
USB Specification
1.1 Compliant, 2.0 Compatible
sealevel.com
+1 864.843.4343
SL9448 E22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com