Electronic Components Datasheet Search
  English  ▼

X  

8227 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 8227
Description  USB to 8 A/D / 2 D/A / 8 Isolated Inputs / 8 Outputs PLC 24V Digital Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

8227 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  8227 Datasheet HTML 1Page - Sealevel Systems, Inc. 8227 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
USB to 8 A/D / 2 D/A / 8 Isolated Inputs / 8 Outputs PLC 24V Digital Interface Adapter
Part: 8227 | Model: SeaDAC MIO-26
Features
• 8 differential or 16 single-ended 12-bit inputs
• 2 12-bit D/A output channels
• 8 optically isolated inputs
• 8 open collector outputs
• Removable screw terminals simplify field wiring
• High-retention USB Type B connector prevents accidental
disconnection of USB cable
• Powered by USB connection
• Sealevel SeaMAX software supports Microsoft Windows and Linux
operating systems
• Housed in rugged, attractive plastic enclosure
• 72-inch USB A to B cable included
Specifications
A/D Chip
Maxim MAX197
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
A/D Range
0-5V, 0-10V, +/-5V, +/-10V
A/D Resolution
12-bits
Analog I/O
A/D Inputs, D/A Outputs
Family
SeaDAC
D/A Outputs
2 Single-Ended
D/A Range
0-5V, 0-10V
D/A Resolution
12-bits
Digital I/O
Isolated Inputs
Dimensions
9.2 (L) x 5.3 (W) x 1.7 (H)
Extended
Temperature
Call for Options
A/D Inputs
8 Differential or 16 Single-Ended
Input Range
5-30 VDC
Input Isolation
300V
Host Interface(s)
USB
Modbus
Modbus RTU
Number of Inputs/
Outputs
8 Inputs, 8 Outputs
Operating
Temperature
0°C to 70°C (32°F to 158°F)
Output Dissipation
Max. 500mA (single), Max. 580mA (all)
Output Type
Open-Collector
Output Voltage
Max. 30V
# of Ports
8/2/8/8
Power Requirement
+5V @ 500mA
Storage
Temperature
-50°C to 105°C (-58°F to 221°F)
USB Specification
1.1 Compliant, 2.0 Compatible
sealevel.com
+1 864.843.4343
SL9627 G22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com