Electronic Components Datasheet Search
  English  ▼

X  

JC26C2-FSLE Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JC26C2-FSLE
Description  CF Card connector, Top mount, Left flip, Frame
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JC26C2-FSLE Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JC26C2-FSLE Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JC26C2-FSLE Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JC26C2-FSLE Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JC26C2-FSLE
Features
CF Card connector, Top mount, Left flip, Frame
Part Number
JC26C2-FSLE
Status
Pending Obsolescence
Number of Positions
-
Rated Current (A)
  
Connector Type
System side pin connector, Frame
Contact Resistance (milliohm
max.)
  
Dielectric Withstanding
Voltage (VACr.m.s. 1minute)
  
Insulation Resistance
(megaohm min.)
  
Description on PCB Retention
Feature
  
Connector Style
  
PCB Mounting Method
  
Material of Contact
  
Finish of Contact in Connecting
Area
  
Product Details


Similar Part No. - JC26C2-FSLE

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JC26C2-FSL16E JAE-JC26C2-FSL16E Datasheet
58Kb / 3P
CF Card connector, Top mount, Stand-off 1.6mm, Left flip, Frame
More results

Similar Description - JC26C2-FSLE

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS128MCF100I TRANSCEND-TS128MCF100I Datasheet
3Mb / 80P
Industrial CF Card
logo
Molex Electronics Ltd.
0553640011 MOLEX7-0553640011 Datasheet
272Kb / 6P
1.27mm (.050") CF Card Ejector: Left Side Button, Push-Push Type
logo
Adam Technologies, Inc.
CF2A-50-SG ADAM-TECH-CF2A-50-SG Datasheet
124Kb / 1P
CF TYPE SOCKET TOP MOUNT
CF2A-50-SG-R-C1 ADAM-TECH-CF2A-50-SG-R-C1 Datasheet
225Kb / 1P
CF TYPE SOCKET REVERSE MOUNT
CF-50-A-SG-2 ADAM-TECH-CF-50-A-SG-2 Datasheet
147Kb / 1P
CF TYPE SOCKET TOP MOUNT
CFA-50-A-SG-1 ADAM-TECH-CFA-50-A-SG-1 Datasheet
148Kb / 1P
CF TYPE SOCKET TOP MOUNT
CFR-50-A-SG-1-15 ADAM-TECH-CFR-50-A-SG-1-15 Datasheet
147Kb / 1P
CF TYPE SOCKET REVERSE MOUNT
logo
PHOENIX CONTACT
CF-3000-CFT-0 PHOENIX-CF-3000-CFT-0 Datasheet
43Kb / 2P
Replacement centering fork (top), for CF 3000-TOOLKIT 0,25
2701669 PHOENIX-2701669 Datasheet
52Kb / 1P
Memory card - 32GB CF
logo
Littelfuse
03460877H LITTELFUSE-03460877H_V01 Datasheet
711Kb / 1P
286/346 Series Flip-Top Shock-Safe Panel Mount Fuseholders
Revised: June 9, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com