Electronic Components Datasheet Search
  English  ▼

X  

EUP7201 Datasheet(PDF) 3 Page - Eutech Microelectronics Inc

Part # EUP7201
Description  Dual ,Low-Noise,150mA LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7201 Datasheet(HTML) 3 Page - Eutech Microelectronics Inc

  EUP7201 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7201 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7201 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7201 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7201 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7201 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7201 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7201 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7201 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
EUP7201
DS7201 Ver 1.5 Oct. 2007
3
Block Diagram
Figure 2.
Ordering Information
Order Number
Package Type
Marking
Operating Temperature range
EUP7201-1.5/2.8VIR1
SOT23-6
N C □ □ □ □
-40 °C to 85°C
EUP7201-1.8/2.8VIR1
SOT23-6
N A □ □ □ □
-40 °C to 85°C
EUP7201-1.8/2.6VIR1
SOT23-6
N U □ □ □ □
-40 °C to 85°C
EUP7201-1.8/3.3VIR1
SOT23-6
N H □ □ □ □
-40 °C to 85°C
EUP7201-2.5/2.8VIR1
SOT23-6
N D □ □ □ □
-40 °C to 85°C
EUP7201-2.8/1.2VIR1
SOT23-6
N P □ □ □ □
-40 °C to 85°C
EUP7201-2.8/2.8VIR1
SOT23-6
N M □ □ □ □
-40 °C to 85°C
EUP7201-2.8/3.0VIR1
SOT23-6
N K □ □ □ □
-40 °C to 85°C
EUP7201-2.8/3.3VIR1
SOT23-6
N L □ □ □ □
-40 °C to 85°C
EUP7201-3.0/3.0VIR1
SOT23-6
N N □ □ □ □
-40 °C to 85°C
EUP7201-3.0/3.3VIR1
SOT23-6
N T □ □ □ □
-40 °C to 85°C
EUP7201-3.3/3.3VIR1
SOT23-6
N J □ □ □ □
-40 °C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com