Electronic Components Datasheet Search
  English  ▼

X  

0802749 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0802749
Description  UC-WMTBA (29X8) SR - Cable marker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0802749 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0802749 Datasheet HTML 1Page - PHOENIX CONTACT 0802749 Datasheet HTML 2Page - PHOENIX CONTACT 0802749 Datasheet HTML 3Page - PHOENIX CONTACT 0802749 Datasheet HTML 4Page - PHOENIX CONTACT 0802749 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker, Sheet, silver, unmarked, can be labeled with: BLUEMARK E.CARD,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER,
mounting type: Assembly with cable ties, cable diameter: > 6 mm, Number of individual labels:
12, text field height: 8 mm, text field width: 29 mm
Your advantages
The UC-WMTBA ... UniCard labeling range includes markers that can be secured using standard cable binders
•
The markers, which are supplied in uniform sheets, can be printed onto quickly and easily using the BLUEMARK printing systems
•
For large-surface marking of conductors and cables  >4 mm in diameter
•
Thanks to their angular shape the markers fit perfectly onto cables
•
The sheets provide space for including function texts
•
The format automatically ensures printing with a high degree of positioning accuracy
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your requirements
•
Commercial data
Item number
0802749
Packing unit
10 pc
Minimum order quantity
10 pc
Product key
BG2317
GTIN
4046356858168
Weight per piece (including packing)
11.084 g
Weight per piece (excluding packing)
9.72 g
Country of origin
PL
UC-WMTBA (29X8) SR - Cable marker
0802749
https://www.phoenixcontact.com/us/products/0802749
Aug 7, 2025, 1:57AM
Page 1 (5)


Similar Part No. - 0802749

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802740 PHOENIX-0802740 Datasheet
48Kb / 2P
Magazine - BLUEMARK MAG EM-M (60X30)
09/11/2020
0802741 PHOENIX-0802741 Datasheet
173Kb / 4P
BLUEMARK MAG EM-M (85,6X54) - Magazine
0802742 PHOENIX-0802742 Datasheet
173Kb / 4P
BLUEMARK MAG EM-M (100X60) - Magazine
0802743 PHOENIX-0802743 Datasheet
48Kb / 2P
Magazine - BLUEMARK MAG WM-M (29X8)
09/11/2020
0802744 PHOENIX-0802744 Datasheet
173Kb / 4P
BLUEMARK MAG WM-M (40X15) - Magazine
More results

Similar Description - 0802749

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0820183 PHOENIX-0820183 Datasheet
59Kb / 4P
Cable marker - UC-WMTBA (29X8)
09/11/2020
0820390 PHOENIX-0820390 Datasheet
60Kb / 4P
Cable marker - UC-WMTBA (29X8) YE
09/11/2020
0820426 PHOENIX-0820426 Datasheet
59Kb / 4P
Cable marker - UC-WMTBA (24X5)
09/11/2020
0820594 PHOENIX-0820594 Datasheet
60Kb / 4P
Cable marker - UC-WMTBA (29X8) BU
09/11/2020
1014086 PHOENIX-1014086 Datasheet
55Kb / 3P
Cable marker - UCT-WMTBA (40X17)
09/11/2020
1014087 PHOENIX-1014087 Datasheet
56Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
1014107 PHOENIX-1014107 Datasheet
54Kb / 3P
Cable marker carrier - KMK UV (29X8)
09/11/2020
0830721 PHOENIX-0830721 Datasheet
66Kb / 4P
Cable marker carrier - KMK HP (29X8)
09/11/2020
0830805 PHOENIX-0830805 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (29X8)
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com