Electronic Components Datasheet Search
  English  ▼

X  

0803314 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803314
Description  WMTB HF (40X12)R RD - Cable marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803314 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803314 Datasheet HTML 1Page - PHOENIX CONTACT 0803314 Datasheet HTML 2Page - PHOENIX CONTACT 0803314 Datasheet HTML 3Page - PHOENIX CONTACT 0803314 Datasheet HTML 4Page - PHOENIX CONTACT 0803314 Datasheet HTML 5Page - PHOENIX CONTACT 0803314 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker, Roll, red, unmarked, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, mounting type: Assembly with cable ties, cable
diameter: ≥ 6 mm, Number of individual labels: 1000, text field height: 12 mm, text field width: 40
mm
Your advantages
The WMTB HF ... conductor and cable marking is used for the identification and bundling conductors and cables indoors and outdoors
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The markers are made of a halogen-free material
•
The highly flexible material adapts to the conductors and cables
•
Commercial data
Item number
0803314
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG15
Product key
BG2311
GTIN
4055626024332
Weight per piece (including packing)
1,118 g
Weight per piece (excluding packing)
1,060.6 g
Customs tariff number
39204910
Country of origin
DK
WMTB HF (40X12)R RD - Cable marker
0803314
https://www.phoenixcontact.com/us/products/0803314
Aug 7, 2025, 12:31AM
Page 1 (6)


Similar Part No. - 0803314

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803310 PHOENIX-0803310 Datasheet
174Kb / 4P
TOPMARK LASER CLEANING NOZZLE - Cleaning set
0803312 PHOENIX-0803312 Datasheet
51Kb / 2P
These conductor marking systems consist of marker carriers and insert labels
0803313 PHOENIX-0803313 Datasheet
201Kb / 7P
WMS 4,8 (30X9)RXL YE - Shrink sleeve
0803315 PHOENIX-0803315 Datasheet
191Kb / 6P
WMTB HF (55X15)R RD - Cable marker
0803316 PHOENIX-0803316 Datasheet
54Kb / 2P
The marker has two fastening eyes so that it can be attached to the conductor by means of PKB ... cable binders
More results

Similar Description - 0803314

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD452-900-0631H WINCHESTER-SD452-900-0631H Datasheet
102Kb / 1P
MCX R/A CABLE PLUG FOR RD-316 CABLE
logo
PHOENIX CONTACT
0802937 PHOENIX-0802937 Datasheet
53Kb / 2P
Device marker - US-EMSP (90X60) RD
0828376 PHOENIX-0828376 Datasheet
60Kb / 4P
Cable marker - UC-WMTB (44X15)
09/11/2020
0828381 PHOENIX-0828381 Datasheet
61Kb / 4P
Cable marker - UC-WMTB (44X15) BU
09/11/2020
0830524 PHOENIX-0830524 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (40X15)
09/11/2020
0830525 PHOENIX-0830525 Datasheet
56Kb / 3P
Cable marker - WMTB-AL (60X15)
09/11/2020
0830805 PHOENIX-0830805 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (29X8)
09/11/2020
5148007 PHOENIX-5148007 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110-WMTB HF
09/12/2020
3240803 PHOENIX-3240803 Datasheet
57Kb / 3P
Cable tie - WT-R HF 4,8X200
09/12/2020
logo
Molex Electronics Ltd.
2243561216 MOLEX-2243561216 Datasheet
626Kb / 1P
SW1 6.00MM R-R 1M 2AWG RD
2023/11/30
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com