Electronic Components Datasheet Search
  English  ▼

X  

0803386 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803386
Description  WML-RFID/HF 14 (25X19)R - Cable marker
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803386 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803386 Datasheet HTML 1Page - PHOENIX CONTACT 0803386 Datasheet HTML 2Page - PHOENIX CONTACT 0803386 Datasheet HTML 3Page - PHOENIX CONTACT 0803386 Datasheet HTML 4Page - PHOENIX CONTACT 0803386 Datasheet HTML 5Page - PHOENIX CONTACT 0803386 Datasheet HTML 6Page - PHOENIX CONTACT 0803386 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker label with RFID-HF transponder, roll, white, unmarked, can be printed with:
THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK X1.2, mounting type:
adhesive, min. cable diameter: 9 mm, max. cable diameter: 14 mm, lettering field size: 25 x
19 mm
Your advantages
High-quality marking created by the thermal transfer printer
•
Resistant to solvents
•
The cable marker labels consist of a labeling field and a transparent protective foil
•
The protective foil is wound over the labeling and provides permanent protection against dirt and abrasion
•
Quick and easy handling
•
The cable marker labels do not increase the cross section of the cable, allowing the cable to be subsequently drawn through cable ducts, for
example
•
Commercial data
Item number
0803386
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
BG2311
GTIN
4055626047751
Weight per piece (including packing)
418.5 g
Weight per piece (excluding packing)
368.31 g
Country of origin
DE
WML-RFID/HF 14 (25X19)R - Cable marker
0803386
https://www.phoenixcontact.com/us/products/0803386
Aug 7, 2025, 1:31AM
Page 1 (7)


Similar Part No. - 0803386

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803380 PHOENIX-0803380 Datasheet
184Kb / 4P
TMP-RIBBON 110 GN 100 - Ink ribbon cartridge
0803381 PHOENIX-0803381 Datasheet
190Kb / 4P
WP-PA HF 54,5 BK - Protective hose
0803387 PHOENIX-0803387 Datasheet
48Kb / 3P
Label - EML-RS (45,7X45,7)R
0803389 PHOENIX-0803389 Datasheet
172Kb / 4P
EMPPR (45,8X45,8) - Touch protection
More results

Similar Description - 0803386

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM3-9WE ETC2-SM3-9WE Datasheet
124Kb / 4P
Cable Marker
logo
Texas Instruments
TRF79XXA TI1-TRF79XXA Datasheet
806Kb / 7P
HF-RFID Reader Layout Design Guide
logo
TE Connectivity Ltd
TTDS-037 TEC-TTDS-037 Datasheet
410Kb / 3P
HL Cable Marker
logo
PHOENIX CONTACT
1014049 PHOENIX-1014049 Datasheet
54Kb / 3P
Conductor marker carrier - PATG HF 1/30
09/11/2020
0830691 PHOENIX-0830691 Datasheet
59Kb / 3P
Cable marker label - WML 7,5 (25X13)A4
01/02/2019
0830713 PHOENIX-0830713 Datasheet
53Kb / 3P
Cable marking flags - WML-FLAGV 6 (20X10)R
09/11/2020
3240803 PHOENIX-3240803 Datasheet
57Kb / 3P
Cable tie - WT-R HF 4,8X200
09/12/2020
logo
ELATEC GmbH
T43O-F6C0 ELATEC-T43O-F6C0 Datasheet
407Kb / 3P
Multi-frequency RFID module (LF/HF) with NFC support
11/2023
T4BT-FB2BEL2 ELATEC-T4BT-FB2BEL2 Datasheet
226Kb / 4P
TWN4 MultiTech 2 HF Single-frequency HF RFID reader with NFC support
11/2023
T4MK-F ELATEC-T4MK-F Datasheet
246Kb / 3P
TWN4 MultiTech HF Mini Single-frequency HF RFID module with NFC support
11/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com