Electronic Components Datasheet Search
  English  ▼

X  

0804978 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0804978
Description  WMTB HF (40X12)R GN - Cable marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804978 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0804978 Datasheet HTML 1Page - PHOENIX CONTACT 0804978 Datasheet HTML 2Page - PHOENIX CONTACT 0804978 Datasheet HTML 3Page - PHOENIX CONTACT 0804978 Datasheet HTML 4Page - PHOENIX CONTACT 0804978 Datasheet HTML 5Page - PHOENIX CONTACT 0804978 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Conductor marking
Marking
Number of individual labels
1000
Number of individual labels per row
1
Identification technology
Thermal transfer for rolls
Dimensions
Width
60 mm
Height
11.55 mm
Depth
0.6 mm
External dimensions
Outside diameter
6 mm ... 136 mm
Text field
Text field width
40 mm
Text field height
12 mm
Material specifications
RoHS compliant
yes
Color
green (RAL 6021)
Material
PUR
Flammability rating according to UL 94
V2 (0,75 mm Wandstärke)
Components
halogen-free
Cable/line
External cable diameter
≥ 6.00 mm
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
DIN EN ISO 1518-1:2019-10 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2013 (following)
Result
Test passed
UV resistance
WMTB HF (40X12)R GN - Cable marker
0804978
https://www.phoenixcontact.com/us/products/0804978
Aug 7, 2025, 1:20AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com