Electronic Components Datasheet Search
  English  ▼

X  

0804979 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804979
Description  WMTB HF (55X15)R BU - Cable marker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804979 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804979 Datasheet HTML 1Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker, Roll, blue, unmarked, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, mounting type: Assembly with cable ties, cable
diameter: ≥ 6 mm, Number of individual labels: 1000, text field height: 15 mm, text field width: 55
mm
Your advantages
The WMTB HF ... conductor and cable marking is used for the identification and bundling conductors and cables indoors and outdoors
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The markers are made of a halogen-free material
•
The highly flexible material adapts to the conductors and cables
•
Phoenix Contact 2025 © - all rights reserved
https://www.phoenixcontact.com
Phoenix Contact USA
586 Fulling Mill Road
Middletown, PA 17057, United States
(+717) 944-1300
info@phoenixcon.com
WMTB HF (55X15)R BU - Cable marker
0804979
https://www.phoenixcontact.com/us/products/0804979
Aug 7, 2025, 12:31AM
Page 1 (1)


Similar Part No. - 0804979

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804977 PHOENIX-0804977 Datasheet
191Kb / 6P
WMTB HF (40X12)R BU - Cable marker
0804978 PHOENIX-0804978 Datasheet
190Kb / 6P
WMTB HF (40X12)R GN - Cable marker
More results

Similar Description - 0804979

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0820594 PHOENIX-0820594 Datasheet
60Kb / 4P
Cable marker - UC-WMTBA (29X8) BU
09/11/2020
0828376 PHOENIX-0828376 Datasheet
60Kb / 4P
Cable marker - UC-WMTB (44X15)
09/11/2020
0828381 PHOENIX-0828381 Datasheet
61Kb / 4P
Cable marker - UC-WMTB (44X15) BU
09/11/2020
0830524 PHOENIX-0830524 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (40X15)
09/11/2020
0830525 PHOENIX-0830525 Datasheet
56Kb / 3P
Cable marker - WMTB-AL (60X15)
09/11/2020
0830805 PHOENIX-0830805 Datasheet
57Kb / 3P
Cable marker - WMTB-AL (29X8)
09/11/2020
5148007 PHOENIX-5148007 Datasheet
48Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110-WMTB HF
09/12/2020
3240584 PHOENIX-3240584 Datasheet
85Kb / 4P
Cable duct - CD-HF 25X60 BU
09/12/2020
3240608 PHOENIX-3240608 Datasheet
86Kb / 4P
Cable duct - CD-HF 120X80 BU
09/12/2020
3240796 PHOENIX-3240796 Datasheet
58Kb / 3P
Cable tie - WT-ID HF 3,5X200 BU
09/12/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com