Electronic Components Datasheet Search
  English  ▼

X  

LTC1440 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1440
Description  Ultralow Power Single/Dual Comparator with Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1440 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1440 Datasheet HTML 8Page - Linear Technology LTC1440 Datasheet HTML 9Page - Linear Technology LTC1440 Datasheet HTML 10Page - Linear Technology LTC1440 Datasheet HTML 11Page - Linear Technology LTC1440 Datasheet HTML 12Page - Linear Technology LTC1440 Datasheet HTML 13Page - Linear Technology LTC1440 Datasheet HTML 14Page - Linear Technology LTC1440 Datasheet HTML 15Page - Linear Technology LTC1440 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1440/LTC1441/LTC1442
144012fc
10-Bit 30
µA A/D Converter
–
+
5V
5V
2N3809
1N914
32.768kHz
VN2222LL
10pF
100k
EIN
0V TO 3V
365k*
470k
1M
10M
150k
0.033
µF
POLYSTYRENE
C1
1/2 LTC1441
LT
®1034
1.2V
Q
D
CLK
74C74
CONV
COMMAND
DATA
OUT
STATUS
1440/1/2 TA03
Q
1.2M
–
+
C2
1/2 LTC1441
74C00
74C00
74C00
74C00
*TRW-IRC MRT–5/+120ppm/
°C
TYPICAL APPLICATIONS
Low Battery Detect Operates Down to 1.5V
V +
2.6M
2-CELL
NiCd
1M
V +
V –
2
1
7
8
6
5
GND
HYST
REF
OUT
LTC1440
1440 TA06
IN+
IN–
3
4
–
+
20k
1.3M
1M
32.768kHz “Watch Crystal” Oscillator
+V
32.768kHz
10pF
470k
1M
OUT
1440/1/2 TA05
1.2M
–
+
1/2
LTC1441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com