Electronic Components Datasheet Search
  English  ▼

X  

RM2000B Datasheet(PDF) 4 Page - TEKTRONIX, INC.

Part # RM2000B
Description  Digital Storage Oscilloscopes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

RM2000B Datasheet(HTML) 4 Page - TEKTRONIX, INC.

  RM2000B Datasheet HTML 1Page - TEKTRONIX, INC. RM2000B Datasheet HTML 2Page - TEKTRONIX, INC. RM2000B Datasheet HTML 3Page - TEKTRONIX, INC. RM2000B Datasheet HTML 4Page - TEKTRONIX, INC. RM2000B Datasheet HTML 5Page - TEKTRONIX, INC. RM2000B Datasheet HTML 6Page - TEKTRONIX, INC. RM2000B Datasheet HTML 7Page - TEKTRONIX, INC. RM2000B Datasheet HTML 8Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet
Autoset Menu
Single-button, automatic setup of all channels for vertical, horizontal, and trigger
systems, with undo Autoset.
Signal Type
Autoset Menu Choices
Square Wave
Single Cycle, Multicycle, Rising or Falling Edge
Sine Wave
Single Cycle, Multicycle, FFT Spectrum
Video (NTSC, PAL,
SECAM)
Field: All, Odd, or Even
Line: All or Selectable Line Number
Autorange
Automatically adjust vertical and/or horizontal oscilloscope settings when
probe is moved from point to point, or when the signal exhibits large changes.
Display Characteristics
Characteristic
Description
Display
¼ VGA backlit passive LCD with adjustable multilevel
contrast and inverse video selectable from front panel
Interpolation
Sin (x)/x
Display Types
Dots, vectors
Persistence
Off, 1s, 2 s, 5s, infinite
Format
YT and XY
Multiple-language User Interface and Context-sensitive Help
Characteristic
Description
Languages
Available
English, French, German, Italian, Japanese,
Korean, Portuguese, Russian*3,Simplified Chinese,
Spanish, Traditional Chinese
*3 Requires Russian firmware, indicated by "RUS" suffix.
Environmental and Safety
Characteristic
Description
Temperature
Operating
0 to +50 ºC
Nonoperating
–40to+71 ºC
Humidity
Operating and
Nonoperating
Up to 80% RH at or below +40 ºC
Operating and
Nonoperating
Up to 45% RH up to +50 ºC
Altitude
Operating and
Nonoperating
Up to 3,000 m
Electromagnetic
Compatibility
Meets Directive 2004/108/EC, EN 61326-2-1 Class A;
Australian EMC Framework
Safety
UL61010-1:2004, CSA22.2 No. 61010-1:2004,
EN61010-1:2001, IEC61010-1:2001
Physical Characteristics
Instrument
Dimensions
mm
in.
Width
326.3
12.85
Height
158.0
6.22
Depth
124.2
4.89
Weight
kg
lb.
Instrument Only
2.0
4.4
With accessories
2.2
4.9
Instrument Shipping
Package Dimensions
mm
in.
Width
476.2
18.75
Height
266.7
10.5
Depth
228.6
9.0
RM2000B Rackmount
mm
in.
Width
482.6
19.0
Height
177.8
7.0
Depth
108.0
4.25
4 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com