Electronic Components Datasheet Search
  English  ▼

X  

LTC1440CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1440CS8
Description  Ultralow Power Single/Dual Comparator with Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1440CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1440CS8 Datasheet HTML 8Page - Linear Technology LTC1440CS8 Datasheet HTML 9Page - Linear Technology LTC1440CS8 Datasheet HTML 10Page - Linear Technology LTC1440CS8 Datasheet HTML 11Page - Linear Technology LTC1440CS8 Datasheet HTML 12Page - Linear Technology LTC1440CS8 Datasheet HTML 13Page - Linear Technology LTC1440CS8 Datasheet HTML 14Page - Linear Technology LTC1440CS8 Datasheet HTML 15Page - Linear Technology LTC1440CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1440/LTC1441/LTC1442
144012fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LT 0106 REV C • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1996
10kHz V/F Converter
TYPICAL APPLICATION
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1443
1.182V Reference with Micropower Quad Comparators
1% Accuracy, 8.5
µA Maximum Current, Ref Output Drives 0.01µF
LTC1444/LTC1445
1.2V Reference with Quad Comparator
1% Accuracy, 8.5
µA Maximum Current, Ref Output Drives 0.01µF
with Adjustable Hysteresis
LTC1540
1.182V Reference with Nanopower Comparator
DFN Package 0.3
µA Quiescent Current (Typical), Reference
with Adjustable Hysteresis
Drives 0.01
µF
LTC1541
1.2V Reference with Micropower Amplifier and Comparator
DFN Package 1.25% Accuracy, Rail-to-Rail Out, Low Offset Amplifier
LTC1842/LTC1843
1.82V Reference with Dual Comparators
1% Accuracy, Open-Drain Out, Reference Drives 0.01
µF
with Adjustable Hysteresis
LTC1998
1.2 Reference with Comparator with Adjustable Thesholds
Li-Ion Low Battery Monitor, SOT23, 1% Accuracy
LT6700-1
0.4 Reference with Low Voltage Dual Comparators
SOT23, 1.4V to 18.5V Supply Range,
±2% Over Temperature
LT6700-2/LT6700-3
–
+
100pF**
50pF
2.2
µF
1.2M*
10kHz TRIM
200k
10M
100k
2k*
LM334
+V
6.2V TO 12V
LT1034-1.2
LT1034-1.2
2.7M
C1
1/2 LTC1441
fOUT
0kHz TO 10kHz
74C14
1440/1/2 TA04
0.01
µF
0.1
µF
INPUT
0V TO 5V
Q5
Q6
15k
2M TYP
100Hz TRIM
–
+
C2
1/2 LTC1441
Q1
Q8
Q2
Q3
Q4
0.47
µF
Q7
= HP5082-2810
= 1N4148
= 2N2222
= 1% METAL FILM
= POLYSTYRENE
*
**
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com