Electronic Components Datasheet Search
  English  ▼

X  

TS5MP645 Datasheet(PDF) 26 Page - Texas Instruments

Part # TS5MP645
Description  TS5MP645 4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5MP645 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TS5MP645 Datasheet HTML 22Page - Texas Instruments TS5MP645 Datasheet HTML 23Page - Texas Instruments TS5MP645 Datasheet HTML 24Page - Texas Instruments TS5MP645 Datasheet HTML 25Page - Texas Instruments TS5MP645 Datasheet HTML 26Page - Texas Instruments TS5MP645 Datasheet HTML 27Page - Texas Instruments TS5MP645 Datasheet HTML 28Page - Texas Instruments TS5MP645 Datasheet HTML 29Page - Texas Instruments TS5MP645 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(0.4) TYP
(0.4) TYP
36X (
0.25)
(R
) TYP
0.05
METAL
TYP
4222013/A 04/2015
DSBGA - 0.5 mm max height
YFP0036
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
4. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release.
SYMM
SYMM
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
SCALE:30X
A
B
C
D
1
2
3
E
4
5
F
6
26
TS5MP645
SCDS385B – JANUARY 2018 – REVISED JULY 2018
www.ti.com
Product Folder Links: TS5MP645
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com