Electronic Components Datasheet Search
  English  ▼

X  

TS5MP645YFPR Datasheet(PDF) 19 Page - Texas Instruments

Part # TS5MP645YFPR
Description  TS5MP645 4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5MP645YFPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TS5MP645YFPR Datasheet HTML 15Page - Texas Instruments TS5MP645YFPR Datasheet HTML 16Page - Texas Instruments TS5MP645YFPR Datasheet HTML 17Page - Texas Instruments TS5MP645YFPR Datasheet HTML 18Page - Texas Instruments TS5MP645YFPR Datasheet HTML 19Page - Texas Instruments TS5MP645YFPR Datasheet HTML 20Page - Texas Instruments TS5MP645YFPR Datasheet HTML 21Page - Texas Instruments TS5MP645YFPR Datasheet HTML 22Page - Texas Instruments TS5MP645YFPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
19
TS5MP645
www.ti.com
SCDS385B – JANUARY 2018 – REVISED JULY 2018
Product Folder Links: TS5MP645
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Pin Functions
SEL and OE have weak 6-MΩ pulldown resistors to prevent floating input logic.
Table 1. Function Table
OE
SEL
Function
H
X
I/O pins High-Impedance
L
L
CLK(P/N) = CLKA(P/N)
Dn(P/N) = DAn(P/N)
L
H
CLK(P/N) = CLKB(P/N)
Dn(P/N) = DBn(P/N)
8.4.2
Low Power Mode
While the output enable pin OE is supplied with a logic high the device remains in low power state. This reduces
the current consumption substantially and the switches are be high impedance. The SEL pin is ignored while the
OE remains high. Upon exiting low power mode, the switch status reflects the SEL pin as seen in Table 1.
8.4.3
Switch Enabled Mode
While the output enable pin OE is supplied with a logic low the device will remain in switch enabled mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com