Electronic Components Datasheet Search
  English  ▼

X  

TS5V522C Datasheet(PDF) 2 Page - Texas Instruments

Part # TS5V522C
Description  5V, 5-BITS VIDEO EXCHANGE SWITCH FOR DUAL VGA SOURCE TO SINK -2V UNDERSHOOT PROTECTION WITH LOW ON-STATE RESISTANCE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5V522C Datasheet(HTML) 2 Page - Texas Instruments

  TS5V522C Datasheet HTML 1Page - Texas Instruments TS5V522C Datasheet HTML 2Page - Texas Instruments TS5V522C Datasheet HTML 3Page - Texas Instruments TS5V522C Datasheet HTML 4Page - Texas Instruments TS5V522C Datasheet HTML 5Page - Texas Instruments TS5V522C Datasheet HTML 6Page - Texas Instruments TS5V522C Datasheet HTML 7Page - Texas Instruments TS5V522C Datasheet HTML 8Page - Texas Instruments TS5V522C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TS5V522C
SCDS317
– MARCH 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
ORDERABLE PART
TA
PACKAGE(2)
TOP-SIDE MARKING
NUMBER
SSOP (QSOP)
– DBQ
Tape and Reel
TS5V522CDBQR
TS5V522C
–40°C to 85°C
TSSOP
– PW
Tape and Reel
TS5V522CPWR
TE522C
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Table 1. FUNCTION TABLE
CONTROL
INPUT/OUTPUTS
FUNCTIONS
OE
SEL
1 X
2 X
1X port = AX port
L
L
A X
B X
2x port = BX port
1X port = BX port
L
H
B X
A X
2x port = AX port
H
X
Z
Z
Disconnect
Table 2. PIN DESCRIPTION
PIN NAME
DESCRIPTION
xR, xG, xB
Analog Video I/Os
xSCL, xSCA
Analog sync I/Os
OE
Enable pin
EN
Input select
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TS5V522C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com