Electronic Components Datasheet Search
  English  ▼

X  

TS5V522CPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # TS5V522CPWR
Description  5V, 5-BITS VIDEO EXCHANGE SWITCH FOR DUAL VGA SOURCE TO SINK -2V UNDERSHOOT PROTECTION WITH LOW ON-STATE RESISTANCE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5V522CPWR Datasheet(HTML) 1 Page - Texas Instruments

  TS5V522CPWR Datasheet HTML 1Page - Texas Instruments TS5V522CPWR Datasheet HTML 2Page - Texas Instruments TS5V522CPWR Datasheet HTML 3Page - Texas Instruments TS5V522CPWR Datasheet HTML 4Page - Texas Instruments TS5V522CPWR Datasheet HTML 5Page - Texas Instruments TS5V522CPWR Datasheet HTML 6Page - Texas Instruments TS5V522CPWR Datasheet HTML 7Page - Texas Instruments TS5V522CPWR Datasheet HTML 8Page - Texas Instruments TS5V522CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
OE
AR
1R
2R
BR
AG
1G
2G
BG
AB
1B
GND
VCC
BSCL
2SCL
1SCL
ASCL
BSCA
2SCA
1SCA
ASCA
BB
2B
SEL
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
TS5V522C
www.ti.com
SCDS317
– MARCH 2011
5V, 5-BITS VIDEO EXCHANGE SWITCH FOR DUAL VGA SOURCE TO SINK -2V
UNDERSHOOT PROTECTION WITH LOW ON-STATE RESISTANCE
Check for Samples: TS5V522C
1
FEATURES
APPLICATIONS
•
Digital and Analog Signal Interface
•
Bidirectional Data Flow, With Near-Zero
Propagation Delay
•
Audio and Video Signal Interface
•
High Bandwidth, 380MHZ (typ) RGB Switching
•
High Speed Signal Bus Exchange
•
Low ON-State Resistance (ron) Characteristics
•
Bus Isolation, Interleaving
(ron =3
Ω Typical)
•
Notebook Computer Graphics Control
•
Low Input/Output Capacitance Minimizes
Loading and Signal Distortion (CIO(OFF) = 8pF
Typical)
•
Undershoot Clamp Diodes on Data and
Control Inputs.
•
Low Power Consumption (Icc = 3uA Max.)
•
Vcc Operation Range from 4V to 5.5V
•
Data I/Os Support 0 to 5-V Signaling Levels
(0.8V, 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 4V)
•
Allow to pull up resistor up to 5V on the I/O
•
Ioff Supports Live Insertion, Partial Power
Down Mode, and Back Drive Protection
•
Latch-Up Performance Exceeds 100Ma Per
JESD 78, Class II.
•
ESD Performance Tested Per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
DESCRIPTION
The TS5V522C is high bandwidth analog switches offering a 2:2 dual-graphics crossover solution for VGA signal
switching. The device is designed for switching between 2 VGA sources to either of the two destinations within a
laptop computer. The TS5V522C integrates 5 very high-frequency 380Mhz (typ) SPDT switches for RGB signals,
2 pairs of level-translating buffer for the HSYNC and VSYNC lines, and integrated ESD protection. The 5
crossover switches can be controlled by either 5V or 3.3V TTL control signals.
The TS5V522C would bypass the VGA analog signal to destination with less distortions. DDC Channel (SCA,
SCL) may require to +5Vopen drain level at the VGA connector and it may require a pull up resistor on the
destination side. Active undershoot-protection circuitry on the data ports of the TS5V522C provide protection for
undershoots up to -2V by sensing an undershoot event and ensuring that the switch remains in the proper off
state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pull up
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS5V522CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5V522CPWR TI1-TS5V522CPWR Datasheet
713Kb / 19P
5V, 5-BITS VIDEO EXCHANGE SWITCH FOR DUAL VGA SOURCE TO SINK -2V UNDERSHOOT PROTECTION WITH LOW ON-STATE RESISTANCE
More results

Similar Description - TS5V522CPWR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
FSTU16245 FAIRCHILD-FSTU16245 Datasheet
190Kb / 6P
16-Bit Bus Switch with -2V Undershoot Protection
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
240Kb / 7P
20-Bit Bus Switch with -2V Undershoot Protection
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
4-Bit Bus Switch with -2V Undershoot Protection
FSTU32X384 FAIRCHILD-FSTU32X384 Datasheet
241Kb / 6P
20-Bit Low Power Bus Switch with -2V Undershoot Protection
logo
Pericom Semiconductor C...
PI5C3253C PERICOM-PI5C3253C Datasheet
41Kb / 4P
Dual 4:1 Mux/DeMux Bus Switch with-2V Undershoot Protection
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157_05 Datasheet
169Kb / 11P
Low Voltage SPDT Analog Switch with 2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
20-Bit Bus Switch with -2V Undershoot Protection
logo
Texas Instruments
TS5V522C TI1-TS5V522C Datasheet
713Kb / 19P
5V, 5-BITS VIDEO EXCHANGE SWITCH FOR DUAL VGA SOURCE TO SINK -2V UNDERSHOOT PROTECTION WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com