Electronic Components Datasheet Search
  English  ▼

X  

TSB41AB3MPFPEP Datasheet(PDF) 12 Page - Texas Instruments

Part # TSB41AB3MPFPEP
Description  IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSB41AB3MPFPEP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TSB41AB3MPFPEP Datasheet HTML 8Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 9Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 10Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 11Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 12Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 13Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 14Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 15Page - Texas Instruments TSB41AB3MPFPEP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
TSB41AB3EP
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS122C − JULY 2002 − REVISED JUNE 2008
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of operating conditions (unless otherwise noted)
driver
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOD
Differential output voltage
56
Ω,
See Figure 1
172
265
mV
I(DIFF)
Driver difference current, TPA+, TPA−, TPB+, TPB−
Drivers enabled, speed signaling off
−1.05†
1.05†
mA
I(SP200)
Common-mode speed signaling current, TPB+,
TPB−
S200 speed signaling enabled
−4.84‡
−2.53‡
mA
I(SP400)
Common-mode speed signaling current, TPB+,
TPB−
S400 speed signaling enabled
−12.4‡
−8.1‡
mA
VOFF
Off state differential voltage
Drivers disabled,
See Figure 1
20
mV
† Limits defined as algebraic sum of TPA+ and TPA− driver currents. Limits also apply to TPB+ and TPB− algebraic sum of driver currents.
‡ Limits defined as absolute limit of each of TPB+ and TPB− driver currents.
receiver
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
zid
Differential impedance
Drivers disabled
4
7
k
Ω
zid
Differential impedance
Drivers disabled
4
pF
zic
Common-mode impedance
Drivers disabled
20
k
Ω
zic
Common-mode impedance
Drivers disabled
24
pF
V(TH_R)
Receiver input threshold voltage
Drivers disabled
−30
30
mV
V(TH_CB)
Cable bias detect threshold, TPBx cable inputs
Drivers disabled
0.6
1
V
V(TH+)
Positive arbitration comparator threshold voltage
Drivers disabled
89
168
mV
V(TH−)
Negative arbitration comparator threshold voltage
Drivers disabled
−168
−89
mV
V(TH_SP200)
Speed signal threshold
TPBIAS−TPA common-mode
voltage, drivers disabled
49
131
mV
V(TH_SP400)
Speed signal threshold
TPBIAS−TPA common-mode
voltage, drivers disabled
314
396
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com