Electronic Components Datasheet Search
  English  ▼

X  

OPA452 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA452
Description  High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA452 Datasheet(HTML) 2 Page - Texas Instruments

  OPA452 Datasheet HTML 1Page - Texas Instruments OPA452 Datasheet HTML 2Page - Texas Instruments OPA452 Datasheet HTML 3Page - Texas Instruments OPA452 Datasheet HTML 4Page - Texas Instruments OPA452 Datasheet HTML 5Page - Texas Instruments OPA452 Datasheet HTML 6Page - Texas Instruments OPA452 Datasheet HTML 7Page - Texas Instruments OPA452 Datasheet HTML 8Page - Texas Instruments OPA452 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
PIN ASSIGNMENTS
1
2
3
4
8
7
6
5
E/D(Enable/Disable)
V+
OUT
StatusFlag
E/DCom(Enable/DisableCommon)
-IN
+IN
V-
PowerPAD
HeatSink
(Locatedon
bottomside)
(1)
V-
NC
(3)
NC
(3)
V-
+IN
NC
(3)
-IN
NC
(3)
E/DCom(Enable/DisableCommon)
V-
V-
NC
(3)
NC
(3)
StatusFlag
V
OUT
V+
NC
(3)
NC
(3)
E/D(Enable/Disable)
V-
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PowerPAD
HeatSink
(Locatedon
topside)
(2)
OPA454
SBOS391 – DECEMBER 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
OPA454
SO-8
DDA
OPA454
OPA454
HSOP-20(2)
DWD
OPA454
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Available Q2, 2008.
OPA454
UNIT
Supply Voltage
VS = (V+) – (V–)
120
V
Signal Input Terminals, Voltage(2)
(V–) – 0.3 to (V+) + 0.3
V
Signal Input Terminals, Current(2)
±10
mA
E/D to E/D Com Voltage
+5.5
V
Output Short-Circuit(3)
ISC
Continuous
Operating Temperature
TJ
–55 to +125
°C
Storage Temperature
–55 to +125
°C
Junction Temperature
TJ
+150
°C
Human Body Model (HBM)
4000
V
ESD Rating:
Charged Device Model (CDM)
500
V
Machine Model (MM)
150
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.3V beyond the supply rails should
be current limited to 10mA or less.
(3)
Short-circuit to ground.
DDA PACKAGE
DWD PACKAGE(1)
SO-8 PowerPAD
HSOP-20 PowerPAD
(TOP VIEW)
(TOP VIEW)
(1)
PowerPAD is internally connected to V–.
Soldering the PowerPAD to the PCB is
always required, even with applications that
have low power dissipation.
(1)
Available Q2, 2008.
(2)
PowerPAD is internally connected to V–.
(3)
NC = No internal connection
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com