Electronic Components Datasheet Search
  English  ▼

X  

OPA890 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA890
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA890 Datasheet(HTML) 4 Page - Texas Instruments

  OPA890 Datasheet HTML 1Page - Texas Instruments OPA890 Datasheet HTML 2Page - Texas Instruments OPA890 Datasheet HTML 3Page - Texas Instruments OPA890 Datasheet HTML 4Page - Texas Instruments OPA890 Datasheet HTML 5Page - Texas Instruments OPA890 Datasheet HTML 6Page - Texas Instruments OPA890 Datasheet HTML 7Page - Texas Instruments OPA890 Datasheet HTML 8Page - Texas Instruments OPA890 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
www.ti.com
OPA2890
SBOS364A – DECEMBER 2007 – REVISED DECEMBER 2007
ELECTRICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, RF = 0Ω, G = +1V/V, and RL = 200Ω, unless otherwise noted.
OPA2890ID, IDGS
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
+70
°C(3)
+85
°C(3)
UNITS
MAX
LEVEL
(1)
DISABLE (MSOP-10 ONLY)
Disablelow
Power-down supply current (+VS)
VDIS = 0, Both channels
60
110
120
150
µA
max
A
Disable time
VIN = 1VDC
7
µs
typ
C
Enable time
VIN = 1VDC
200
ns
typ
C
Off isolation
G = +2V/V, f = 5MHz
70
dB
typ
C
Output capacitance in disable
4
pF
typ
C
Enable voltage
3.0
3.2
3.4
3.8
V
min
A
Disable voltage
1.4
1.1
1.0
0.8
V
max
A
Control pin input bias current (VDIS)
VDIS = 0V, Each channel
15
30
35
40
µA
max
A
POWER SUPPLY
Specified operating voltage
±5
V
typ
C
Minimum operating voltage
1.5
V
typ
C
Maximum operating voltage
±6.0
±6.0
±6.0
V
max
A
Maximum quiescent current
VS = ±5V, Both channels
2.25
2.4
2.45
2.5
mA
max
A
Minimum quiescent current
VS = ±5V, Both channels
2.25
2.1
2.05
2.0
mA
min
A
Power-supply rejection ratio
(+PSRR)
+VS = 4.5V to 5.5V
68
60
58
56
dB
min
A
THERMAL CHARACTERISTICS
A
Specified operating range: D and DGS packages
–40 to +85
°C
typ
C
Thermal resistance,
θ
JA
Junction-to-
ambient
D
SO-8
100
°C/W
typ
C
DGS
MSOP-10
135
°C/W
typ
C
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA2890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com