Electronic Components Datasheet Search
  English  ▼

X  

TSC2017I Datasheet(PDF) 31 Page - Texas Instruments

Part # TSC2017I
Description  12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C™ Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2017I Datasheet(HTML) 31 Page - Texas Instruments

Back Button TSC2017I Datasheet HTML 27Page - Texas Instruments TSC2017I Datasheet HTML 28Page - Texas Instruments TSC2017I Datasheet HTML 29Page - Texas Instruments TSC2017I Datasheet HTML 30Page - Texas Instruments TSC2017I Datasheet HTML 31Page - Texas Instruments TSC2017I Datasheet HTML 32Page - Texas Instruments TSC2017I Datasheet HTML 33Page - Texas Instruments TSC2017I Datasheet HTML 34Page - Texas Instruments TSC2017I Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
RESET
Device
State
Nor a
m l
erai n
Op
t o
Resetting
InitialCondition
t
200n
³
WL(RESET)
s
SDA
SCL
1
0
0
1
0
0
A0
R/W
0
0
1
0
1
1
0
X
X
0
TSC2017
ACK
TSC2017
ACK
AddressByte
SetupCommand
1
Software
ResetIssued
START
t
D(RESET)
200ns
³
TSC2017
www.ti.com
SBAS472 – DECEMBER 2009
RESET FUNCTION
The reset function is controlled by the SureSet™ control logic (SSC). There are three methods to reset the
device: hardware reset, software reset, and power-on reset (POR).
Hardware Reset
Hardware system reset can be performed using the RESET pin. After hardware reset, the device returns to the
default configuration and all the settings in the control byte are reset to the default values (see Table 2 and
Table 4). To ensure proper reset, the reset pulse width must have a duration of greater than 200ns. Note that a
pulse width of less than 200ns will have unexpected results. See Figure 35 for the external reset timing diagram.
Figure 35. External Reset Timing
Software Reset
The TSC2017 has a software reset that can be issued by loading the Setup comand with '1011 01xx' via I2C, as
shown in Figure 36. After software reset, the device returns to the default configuration and all the settings in the
control byte are reset to the default values (see Table 2 and Table 4).
Figure 36. Software Reset Timing
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): TSC2017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com