Electronic Components Datasheet Search
  English  ▼

X  

UCC24612-2DBVR Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC24612-2DBVR
Description  UCC24612 High Frequency Synchronous Rectifier Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC24612-2DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC24612-2DBVR Datasheet HTML 2Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 3Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 4Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 5Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 6Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 7Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 8Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 9Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
UCC24612
SLUSCM5A – AUGUST 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
Specified by design
6.5 Electrical Characteristics
At VDD = 12 VDC, CVG = 0 pF, CREG = 2.2 µF, −40°C ≤ TJ = TA ≤ +125°C, all voltages are with respect to VS, and currents are
positive into and negative out of the specified terminal, unless otherwise noted. Typical values are at TJ = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BIAS SUPPLY
IVDDSTART
VDD current, REG undervoltage
VDD = 4 V, VD = 0 V
50
105
150
μA
IVDDRUN
VDD current, run
VDD = 12 V
0.5
0.92
1.5
mA
VDD = 5 V
0.5
0.9
1.5
mA
IVDDSTBY
VDD current, standby mode
VDD = 12 V, VD = 1 V
200
390
650
μA
VDD = 5 V, VD = 1 V
200
320
500
μA
UNDERVOLTAGE LOCKOUT (UVLO)
VREGON
REG turn-on threshold
Turn-on detected by IVDD rising
4.15
4.5
4.87
V
VREGOFF
REG turn-off threshold
Turn-off detected by IVDD falling
3.65
4
4.25
V
VREGHYST
UVLO hysteresis
VREGHYST = VREGON – VREGOFF
0.425
0.5
0.575
V
MOSFET VOLTAGE SENSING
VTHVGON
VG turn-on threshold
VD falling, TJ = 25°C
–300
–240
–175
mV
VTHVGOFF
VG turn-off threshold
VD rising, TJ = 25°C
–20
-9
–2
mV
VD rising, –40°C
≤TJ ≤ 125°C
–30
–9
–2
VTHARM
VG re-arming threshold
VD rising
0.4
0.5
0.6
V
IVDBIAS_ON
VD pin bias current when VG is
high (SR is on)
VVD = –50 mV, VVG = VGH
–1
0
1
µA
IVDBIAS_OFF
VD pin bias current when VG is
low (SR is off)
VVD = –150 mV, VVG = VGL, TJ =
25°C
–6
–2
µA
VVD = –150 mV, VVG = VGL, –40°C
≤TJ ≤ 125°C
–10
IVDLK
VD pin leakage current
VVD = 200 V
0.06
2
µA
GATE DRIVER
RSOURCE
VG pull-up resistance
IVG = –20 mA
5.7
10
Ω
RSINK
VG pull-down resistance
IVG = 100 mA
0.45
1
Ω
VGH
VG clamp level
8.55
9.4
10.26
V
VGL
VG output low voltage
IVG = 100 mA, VDD = 12 V
60
150
mV
VOLGUV
VG output low voltage in UVLO
IVG = 25 mA, VDD = 4 V
0.7
V
IVGPU
Gate driver maximum source
current
1(1)
A
IVGPD
Gate driver maximum sink current
(1)
4
A
REG SUPPLY
VREG
REG pin regulation level
ILOAD_REG = 0 mA
8.55
9.4
10.26
V
VREGLG
Load regulation on REG
ILOAD_REG= 10 mA to 0 mA
0.016
0.1
V
VREGDO
REG drop-out on pass-through
mode
VDD = 5 V, ILOAD_REG= 10 mA
0.28
0.45
V
IREGSC
REG short-circuit current
VREG = 0 V
1
5.2
15
mA
IREGLIM
REG current limit
VREG = 8 V
25
42
62
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com