Electronic Components Datasheet Search
  English  ▼

X  

UCC24612-2DBVT.B Datasheet(PDF) 26 Page - Texas Instruments

Part # UCC24612-2DBVT.B
Description  UCC24612 High Frequency Synchronous Rectifier Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC24612-2DBVT.B Datasheet(HTML) 26 Page - Texas Instruments

Back Button UCC24612-2DBVT.B Datasheet HTML 22Page - Texas Instruments UCC24612-2DBVT.B Datasheet HTML 23Page - Texas Instruments UCC24612-2DBVT.B Datasheet HTML 24Page - Texas Instruments UCC24612-2DBVT.B Datasheet HTML 25Page - Texas Instruments UCC24612-2DBVT.B Datasheet HTML 26Page - Texas Instruments UCC24612-2DBVT.B Datasheet HTML 27Page - Texas Instruments UCC24612-2DBVT.B Datasheet HTML 28Page - Texas Instruments UCC24612-2DBVT.B Datasheet HTML 29Page - Texas Instruments UCC24612-2DBVT.B Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
8
8&&
(/+0) =
l8
176
+ 8+0(/+0) ×
0
5
0
2 p
× &/+0 =
l208 +728 ×
1
13p
× 0.36 = 9.28
8
8&&
(/#:) =
@8
176
+ 8+0(/#:) ×
05
02A
× &/#: =
@208 +3758 × 1
13A
× 0.5 = 24.48
:
|
u
u
u
u
!
187
100
85
1
2
1
100
1
2
1
2
kHz
F
fsw
C
R
P
S
S
26
UCC24612
SLUSCM5A – AUGUST 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
If the magnitude of the voltage from TP2 to TP1 is less than 28 V, remove R2 that is populated on the EVM ( 20
kΩ) and set R2 to 0 to 10 ohms and remove 27-V Zener diode D1 from the board.
If TP2 to TP1 is greater than 28 V use resistor R2 to setup an averaging filter to lower the DC voltage applied to
VDD.
The RC filter formed by C2 and R2 should set the filter pole frequency to one-hundredth of the converter's
maximum switching frequency. In this example the converter's maximum switching frequency (fSW) is 85 kHz.
Note that the switching frequency will vary based on design and preference.
(6)
When the RC filter circuit is used, it is recommended that the VDD voltage should be between 4 V to 28 V to
provide enough energy and voltage to the gate driver. This range can be determined in a fixed frequency Flyback
converter with the following equations. DMAX is the maximum duty cycle of the converter and DMIN is the minimum
duty cycle of the converter. NP is the Flyback transformer (T1) primary number of turns and NS is the transformer
secondary number of turns. Please refer to Figure 23 for details.
Maximum VDD voltage (VVDD(MAX)):
(7)
Minimum VDD voltage (VVDD(MIN)):
(8)
8.2.3 Application Curves
The UCC24612EVM is used as a synchronous rectifier in both a high-side and low-side configuration in an offline
(VIN = 85 V to 265 V RMS), 20-V (VOUT), 60-W application. The primary-side controller used in this design is a
UCC28740 secondary-side regulated, variable-frequency Flyback controller that had a maximum switching
frequency of roughly 85 kHz. Please refer to the UCC28740 data sheet for further details.
8.2.3.1 Steady State Testing Low-Side Configuration
•
Snubber Components, R2 = 1.02 kΩ, R3 = 51.1Ω , C3 = 470 pF
•
CH1 = VG, CH2 = Q1 drain (TP2), CH3 = VOUT Voltage Ripple (TP3)
Figure 24. 85-VAC, 0-A Load
Figure 25. 85-VAC, 3-A Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com