Electronic Components Datasheet Search
  English  ▼

X  

OPA2890IDGS Datasheet(PDF) 19 Page - Texas Instruments

Part # OPA2890IDGS
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2890IDGS Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA2890IDGS Datasheet HTML 15Page - Texas Instruments OPA2890IDGS Datasheet HTML 16Page - Texas Instruments OPA2890IDGS Datasheet HTML 17Page - Texas Instruments OPA2890IDGS Datasheet HTML 18Page - Texas Instruments OPA2890IDGS Datasheet HTML 19Page - Texas Instruments OPA2890IDGS Datasheet HTML 20Page - Texas Instruments OPA2890IDGS Datasheet HTML 21Page - Texas Instruments OPA2890IDGS Datasheet HTML 22Page - Texas Instruments OPA2890IDGS Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
www.ti.com
HIGH-SPEED DELAY CIRCUIT
t
=2RC
GR0
(2)
t
=2(2RC+T )
GR
D
(3)
R
R
F
402W
R
G
402W
R
F
402W
R
G
402W
V
IN
V
OUT
R
1/2
OPA2890
OPA890
C
C
1/2
OPA2890
750W
750W
OPA2890
SBOS364A – DECEMBER 2007 – REVISED DECEMBER 2007
Typically, channel switching is performed either on
sync or retrace time in the video signal. The two
The OPA2890 makes an ideal amplifier for a variety
inputs are approximately equal at this point. The
of active filter designs. Figure 55 illustrates a circuit
make-before-break
disable
characteristic
of
the
that uses the two amplifiers within the dual OPA2890
OPA2890 ensures that there is always one amplifier
to design a two-stage analog delay circuit. For
controlling the line when using a wired-OR circuit
simplicity, the circuit uses a dual-supply (±5V)
such as that shown in Figure 54. Because both inputs
operation, but it can also be modified to operate on a
may be on for a short period during the transition
signal supply. The input to the first filter stage is
between channels, the outputs are combined through
driven by the OPA890 as a gain of +2V/V to isolate
the output impedance matching resistors (82.5
Ω in
the signal input from the filter network.
this case). When one channel is disabled, its
feedback network forms part of the output impedance
Each of the two filter stages is a 1st-order filter with a
and slightly attenuates the signal in getting out onto
voltage gain of +1V/V. The delay time through one
the cable. The gain and output matching resistor are
filter is given by Equation 2.
slightly increased to get a signal gain of +1V/V at the
matched load and provide a 75
Ω output impedance
to the cable. The video multiplexer connection (see
For a more accurate analysis of the circuit, consider
Figure 54) also ensures that the maximum differential
the group delay for the amplifiers. For example, in the
voltage across the inputs of the unselected channel
case of the OPA2890, the group delay in the
does not exceed the rated ±1.2V maximum for
bandwidth from 1MHz to 100MHz is approximately
standard video signal levels.
1.0ns. To account for this delay, modify the transfer
function, which now comes out to be:
See the Disable Operation section for the turn-on and
turn-off switching glitches using a 0V input for a
single channel is typically less than ±50mV. Where
with TD = (1/360) × (dφ/df) = delay of the op amp
two outputs are switched (see Figure 54), the output
itself. The values of resistors RF and RG should be
line is always under the control of one amplifier or the
equal and low to avoid parasitic effects. If the all-pass
other as a result of the make-before-break disable
filter is designed for very low delay times, include
timing. In this case, the switching glitches for two 0V
parasitic board capacitances to calculate the correct
inputs drops to less than 20mV.
delay time. Simulating this application using the
PSpice model of the OPA2890 allows this design to
be tuned to the desired performance.
Figure 55. Two-Stage, All-Pass Network
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): OPA2890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com