Electronic Components Datasheet Search
  English  ▼

X  

SID1182K Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # SID1182K
Description  Up to 8 A Single Channel IGBT/MOSFET Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

SID1182K Datasheet(HTML) 1 Page - Power Integrations, Inc.

  SID1182K Datasheet HTML 1Page - Power Integrations, Inc. SID1182K Datasheet HTML 2Page - Power Integrations, Inc. SID1182K Datasheet HTML 3Page - Power Integrations, Inc. SID1182K Datasheet HTML 4Page - Power Integrations, Inc. SID1182K Datasheet HTML 5Page - Power Integrations, Inc. SID1182K Datasheet HTML 6Page - Power Integrations, Inc. SID1182K Datasheet HTML 7Page - Power Integrations, Inc. SID1182K Datasheet HTML 8Page - Power Integrations, Inc. SID1182K Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.power.com
September 2019
Up to 8 A Single Channel IGBT/MOSFET Gate Driver
Providing Reinforced Galvanic Isolation
SID11x2K
SCALE-iDriver Family
This Product is Covered by Patents and/or Pending Patent Applications.
Product Highlights
Highly Integrated, Compact Footprint
•
Split outputs providing up to 8 A peak drive current
•
Integrated FluxLink™ technology providing safe isolation between
primary-side and secondary-side
•
Rail-to-rail stabilized output voltage
•
Unipolar supply voltage for secondary-side
•
Suitable for 600 V / 650 V / 1200 V IGBT and MOSFET switches
•
Up to 250 kHz switching frequency
•
Low propagation delay time 260 ns
•
Propagation delay jitter ±5 ns
•
-40 °C to 125 °C operating ambient temperature
•
High common-mode transient immunity
•
eSOP package with 9.5 mm creepage and clearance
Advanced Protection / Safety Features
•
Undervoltage lock-out protection for primary and secondary-side
(UVLO) and fault feedback
•
Short-circuit protection using V
CESAT monitoring and fault feedback
•
Advanced Soft Shut Down (ASSD)
Full Safety and Regulatory Compliance
•
100% production partial discharge test
•
100% production HIPOT compliance testing at 6 kV RMS 1 s
•
Reinforced insulation meets VDE 0884-10
Green Package
•
Halogen free and RoHS compliant
Applications
•
General purpose and servo drives
•
UPS, solar, welding inverters and power supplies
Figure 2. eSOP-R16B Package.
Figure 1. Typical Application Schematic.
Description
The SID11x2K is a single channel IGBT and MOSFET driver in an
eSOP package. Reinforced galvanic isolation is provided by Power
Integrations’ innovative solid insulator FluxLink technology. The up to
8 A peak output drive current enables the product to drive devices up
to 450 A (typical) without requiring any additional active components.
For gate drive requirements that exceed the stand-alone capability of
the SID1182K’s, an external amplifier (booster) may be added. Stable
positive and negative voltages for gate control are provided by one
unipolar isolated voltage source.
Additional features such as short-circuit protection (DESAT) with
Advanced Soft Shut Down (ASSD), undervoltage lock-out (UVLO) for
primary-side and secondary-side and rail-to-rail output with tempera-
ture and process compensated output impedance guarantee safe
operation even in harsh conditions.
Controller (PWM and fault) signals are compatible with 5 V CMOS logic,
which may also be adjusted to 15 V levels by using external resistor divider.
Product Portfolio
Product1
Peak Output Drive Current
SID1112K
1.0 A
SID1132K
2.5 A
SID1152K
5.0 A
SID1182K
8.0 A
Table 1. SCALE-iDriver Portfolio.
Notes:
1. Package: eSOP-R16B.
PI-7949-072616
IN
SO
VCC
VIN
GND
Fault
Output
VVCC
SCALE-iDriver
Primary-Side
Logic
FluxLink
+
-
VCE
VISO
VGXX
GH
GL
VEE
COM
Secondary-Side
Logic
VTOT
+
-


Similar Part No. - SID1182K

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
SID1182K POWERINT-SID1182K Datasheet
1Mb / 24P
Up to 8 A Single Channel IGBT/MOSFET Gate Driver
September 2019
SID1182KQ POWERINT-SID1182KQ Datasheet
1Mb / 22P
Up to 8 A Single Channel IGBT/MOSFET Gate Driver Automotive Applications Providing Reinforced Galvanic Isolation
September 2019
More results

Similar Description - SID1182K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33153 ONSEMI-MC33153 Datasheet
189Kb / 12P
SINGLE IGBT GATE DRIVER
1998 REV 2
logo
Integral Corp.
IL33153 INTEGRAL-IL33153 Datasheet
124Kb / 3P
SINGLE IGBT GATE DRIVER
logo
Fairchild Semiconductor
FAN8800 FAIRCHILD-FAN8800 Datasheet
101Kb / 16P
Single IGBT Gate Driver
logo
ON Semiconductor
MC33153 ONSEMI-MC33153_06 Datasheet
131Kb / 13P
Single IGBT Gate Driver
July, 2006 ??Rev. 5
logo
KODENSHI_AUK CORP.
KK33153 KODENSHI-KK33153 Datasheet
110Kb / 4P
SINGLE IGBT GATE DRIVER
logo
IK Semicon Co., Ltd
IL33153 IKSEMICON-IL33153 Datasheet
356Kb / 14P
Single IGBT Gate Driver
logo
Texas Instruments
ISO5500 TI1-ISO5500 Datasheet
1Mb / 40P
2.5 A Isolated IGBT, MOSFET Gate Driver
logo
ON Semiconductor
MC33153 ONSEMI-MC33153_13 Datasheet
168Kb / 14P
Single IGBT Gate Driver
August, 2013 ??Rev. 8
NCD57252 ONSEMI-NCD57252 Datasheet
839Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
November, 2022 - Rev. 4
NCD57252 ONSEMI-NCD57252_V01 Datasheet
843Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
June, 2023 - Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com