Electronic Components Datasheet Search
  English  ▼

X  

41011 Datasheet(PDF) 4 Page - Presto International UK Limited

Part # 41011
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

41011 Datasheet(HTML) 4 Page - Presto International UK Limited

  41011 Datasheet HTML 1Page - Presto International UK Limited 41011 Datasheet HTML 2Page - Presto International UK Limited 41011 Datasheet HTML 3Page - Presto International UK Limited 41011 Datasheet HTML 4Page - Presto International UK Limited 41011 Datasheet HTML 5Page - Presto International UK Limited 41011 Datasheet HTML 6Page - Presto International UK Limited 41011 Datasheet HTML 7Page - Presto International UK Limited 41011 Datasheet HTML 8Page - Presto International UK Limited 41011 Datasheet HTML 9Page - Presto International UK Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
PRODUCT GUIDE
Straight Shank Jobber Drills
Series #
Standard
Material
Type
Size Range
Surface
Point
01000
DIN 338
Jobber
Length
Drills
HSS
Std
0.3 - 20.0mm
1/64" - 3/4"
P1 Steam
118°
01001
Std
1.0 - 16.0mm
3/64" - 1/2"
P0 Bright
118° Split
01002
Elite
3.0 - 13.0mm
1/8" - 1/2"
P1 Steam
118° Split
01010
Left Hand
3.0 - 13.0mm
1/8" - 1/2"
P1 Steam
118°
01020
Number Drills
#1 - #60
P1 Steam
118°
01040
Letter Drills
A - Z
P1 Steam
118°
01065
Elite Plus
1.0 - 16.0mm
1/16" - 1/2"
P5 TiN
118° Split
01150
Tri-Quad
1.0 - 13.0mm
1/16" - 1/2"
P1 / P2
Steam &
Bronze
135° Split
01200
Slow Spiral
3.0 - 13.0mm
1/8" - 1/2"
P0 Bright
118°
01300
Quick Spiral
3.0 - 13.0mm
1/8" - 1/2"
P0 Bright
118°
01320
Hi-Nox
3.0 - 13.0mm
1/8" - 1/2"
P1 Steam /
Bright
130° Thin
01900
Drill Blank
1.0 - 13.0mm
1/16" - 1/2"
P0 Bright
118°
01111
HSCo
Heavy Duty
1.0 - 13.0mm
3/64" - 1/2"
P2 Bronze
135° Split
01117
Super Elite
1.0 - 13.0mm
1/16" - 1/2"
P2 Bronze
135° Split
01401
SM200
2.5 - 13.0mm
1/8" - 1/2"
P0 Bright
135° Split
01405
SM200
2.5 - 13.0mm
1/8" - 1/2"
P5 TiN
135° Split
01408
SM200
2.5 - 13.0mm
1/8" - 1/2"
P8 TiALN
135° Split
01217
CARBIDE
3.0 - 20.0mm
3/32” - 1/4”
P0 Bright
120° Carbide
Tip
20100
1.0 - 13.0mm
P0 Bright
135° Solid
Carbide
Straight Shank Stub Drills
Series #
Standard
Material
Type
Size Range
Surface
Point
02000
DIN 1897
Stub Length
Drills
HSS
Std
1.0 - 30.0mm
3/64" - 1"
P1 Steam
118° Split
02005
Std
3.0 - 20.0mm
P5 TiN
118° Split
08100
Rivot Bit Drills
3.0 - 6.0mm
3/32" - 1/4"
P1 Steam
135° Split
08150
Double Ended
Drill
2.0 - 10.0mm
3/32" -
9/32"
P1 Steam
135° Split
08300
Panel Drills
3/32" - 5/16"
P1 Steam
118°
02111
HSCo
Heavy Duty
1.0 - 13.0mm
1/16" - 1/2"
P2 Bronze
135° Split
02115
Heavy Duty
1.0 - 13.0mm
1/16" - 1/2"
P5 TiN
135° Split
02401
SM200
3.0 - 13.0mm
1/8" - 1/2"
P0 Bright
135° Split
02405
SM200
3.0 - 13.0mm
1/8" - 1/2"
P5 TiN
135° Split
02408
SM200
3.0 - 13.0mm
1/8" - 1/2"
P8 TiALN
135° Split
08050
Spotting Drill
3.0 - 16.0mm
P0 Bright
90°
02181
Welda
6.0 - 10.0mm
P2 Bronze
Welda Form
'E'
02188
Factory Std
CARBIDE
Boron Welda
8.0mm
P8 TiALN
Welda Form
‘E’
Straight Shank Long Series Drills
Series #
Standard
Material
Type
Size Range
Surface
Point
04000
DIN 340 Long
Series Drills
HSS
Std
1.0 - 16.0mm
3/64" - 5/8"
P1 Steam
118°
04111
HSCo
Heavy Duty
1.0 - 13.0mm
P2 Bronze
135° Split



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com