Electronic Components Datasheet Search
  English  ▼

X  

46091 Datasheet(PDF) 5 Page - Presto International UK Limited

Part # 46091
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

46091 Datasheet(HTML) 5 Page - Presto International UK Limited

  46091 Datasheet HTML 1Page - Presto International UK Limited 46091 Datasheet HTML 2Page - Presto International UK Limited 46091 Datasheet HTML 3Page - Presto International UK Limited 46091 Datasheet HTML 4Page - Presto International UK Limited 46091 Datasheet HTML 5Page - Presto International UK Limited 46091 Datasheet HTML 6Page - Presto International UK Limited 46091 Datasheet HTML 7Page - Presto International UK Limited 46091 Datasheet HTML 8Page - Presto International UK Limited 46091 Datasheet HTML 9Page - Presto International UK Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
presto-tools.com
5
Morse Taper Shank & Core Drills
Series #
Standard
Material
Type
Size Range
Surface
Point
11000
DIN 345
HSS
Std
6.0 - 100.0mm
1/4" - 3"
P1 Steam
118°
15000
BS 328
6.0 - 50.0mm
1/4" - 2"
118°
17000
DIN 343
Std 3 Flute
10.0 - 40.0mm
1/4" - 1.1/2"
118° Truc.
11111
DIN 345
HSCo
Heavy Duty
10.0 - 40.0mm
13/32" - 1"
118° Split
11211
Factory Std
H/D Slow Spiral
10.0 - 40.0mm
7/16" - 1.1/4"
135° Split
Straight Shank Long Series Drills
Series #
Standard
Material
Type
Size Range
Surface
Point
04161
DIN 340
Long
Series Drills
HSCo
SM200
3.0 - 13.0mm
1/8” - 1/2”
P0 Bright
135° Split
04165
P5 TiN
04168
P6 TiCN
Annular Cutters
Series #
Standard
Material
Type
Size Range
Surface
Shank
49010
Factory Std
HSS
SHORT
12.0 - 52.0mm
P0 Bright
23mm x
Ø19mm
49020
LONG
12.0 - 63.0mm
P0 Bright
23mm x
Ø19mm
Straight Shank Extra Length Drills
Series #
Standard
Material
Type
Size Range
Surface
Point
05000
BS 328
HSS
Std
1.5 - 14.0mm
1/16" - 1/2"
P1 Steam
118°
Centre Drills
Series #
Standard
Material
Type
Size Range
Surface
Point
07000
DIN 333 /
BS 328
HSS
Form ‘A’
1.0 - 12.5mm
BS1 - BS7
P0 Bright
118° / 60°
Blacksmith’s 1/2” Shank Drills
Series #
Standard
Material
Type
Size Range
Surface
Point
08610
Factory Std
HSS
Std
13.0 - 32.0mm
17/32" - 1.1/2"
P1 Steam
118°
Drill Sleeves
Series #
Standard
Material
Type
Size Range
Surface
Point
91030
Factory Std
#45
Hardened &
Ground
MTS1
MTS6
P0 Bright
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com