Electronic Components Datasheet Search
  English  ▼

X  

LM4880 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LM4880
Description  DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4880 Datasheet(HTML) 3 Page - Unisonic Technologies

  LM4880 Datasheet HTML 1Page - Unisonic Technologies LM4880 Datasheet HTML 2Page - Unisonic Technologies LM4880 Datasheet HTML 3Page - Unisonic Technologies LM4880 Datasheet HTML 4Page - Unisonic Technologies LM4880 Datasheet HTML 5Page - Unisonic Technologies LM4880 Datasheet HTML 6Page - Unisonic Technologies LM4880 Datasheet HTML 7Page - Unisonic Technologies LM4880 Datasheet HTML 8Page - Unisonic Technologies LM4880 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LM4880
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 11
www.unisonic.com.tw
QW-R502-033,B
ABSOLUTE MAXIMUM RATINGS (Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
6.0
V
Input Voltage
VIN
-0.3 ~ VDD+0.3
V
ESD Susceptibility (Note 3)
3500
V
ESD Susceptibility (Note 4)
ESD
250
V
Power Dissipation (Note 5)
PD
Internally limited
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-8
107
Thermal Resistance From Junction to Ambient
HSOP-8
θJA
42.3
°C/W
DIP-8
37
Thermal Resistance From Junction to Case
HSOP-8
θJC
12
°C/W
OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
2.7 ~ 5.5
V
Temperature Range (TMIN≤Ta≤TMAX)
Ta
-40 ~ +85
°C
ELECTRICAL CHARACTERISTICS (Note 1,2)
(Ta=25
°C , The following specifications apply for VDD=5V, f=1kHz unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
2.7
5.5
V
Quiescent Power Supply Current
IDD
VIN=0V, IOUT=0A
3.6
6.0
mA
Shutdown Current
ISHDN
VPIN5=VDD
0.7
5
µA
Output Offset Voltage
VO(OFF)
VIN=0V
5
50
mV
RL=8Ω
200
250
mW
THD=0.1%(max)
, f=1KHz
RL=32Ω
85
mW
RL=8Ω
325
mW
Output Power
POUT
THD+N=10%,
f=1KHz
RL=32Ω
110
mW
RL=8Ω, POUT=200mW, f=1KHz
0.03
%
Total Harmonic Distortion + Noise
THD+N
RL=32Ω, POUT=75mW, f=1KHz
0.02
%
Power Supply Rejection Ratio
PSRR
Cb=1.0µF
VRIPPLE=200mVrms, f=100Hz
50
dB
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage may occur. Operating ratings indicate
conditions for which the device is functional, but do not guarantee specific performance limits. Electrical
Characteristics state DC and AC electrical specifications under particular test conditions which guarantee
specific performance limits. This assumes that the device is within the operating ratings. Specifications are
not guaranteed for parameters where no limit is given, however, the typical value is a good indication of
device performance.
Note 3: Human body model, 100 pF discharged through a 1.5 kΩ resistor.
Note 4: Machine model, 220 pF ~ 240 pF discharged through all pins.
Note 5: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA,
and the ambient temperature TA. The maximum allowable power dissipation is PDMAX = (TJMAX - TA) /θJA or the
number given in the Absolute Maximum Ratings, whichever is lower. For the UTC LM4880, TJMAX = 15℃, and
the typical junction-to-ambient thermal resistance is 170℃/W for SOP-8 package and 107℃/W for DIP-8
package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com