Electronic Components Datasheet Search
  English  ▼

X  

48908 Datasheet(PDF) 14 Page - Presto International UK Limited

Part # 48908
Description  ENGINEERS CUTTING TOOLS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRESTO [Presto International UK Limited]
Direct Link  https://www.presto-tools.co.uk/
Logo PRESTO - Presto International UK Limited

48908 Datasheet(HTML) 14 Page - Presto International UK Limited

Back Button 48908 Datasheet HTML 10Page - Presto International UK Limited 48908 Datasheet HTML 11Page - Presto International UK Limited 48908 Datasheet HTML 12Page - Presto International UK Limited 48908 Datasheet HTML 13Page - Presto International UK Limited 48908 Datasheet HTML 14Page - Presto International UK Limited 48908 Datasheet HTML 15Page - Presto International UK Limited 48908 Datasheet HTML 16Page - Presto International UK Limited 48908 Datasheet HTML 17Page - Presto International UK Limited 48908 Datasheet HTML 18Page - Presto International UK Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
PRODUCT GUIDE
Tap Wrenches
Series #
Type
Size Range
Surface
69823
Letter Size
M2 - M12 (1/16 - 1/2)
Grey
69833
T Type
M2 - M12 (1/8 - 1/2)
Chrome
69843
American Bar Type
M3 - M60 (1/8 - 2.1/2)
Grey
Diestocks
Series #
Type
Size Range
Surface
69403
Circular Split
13/16 x 1/4 - 4 x 1
General
69413
Circular Solid
M20 x 5 - M55 x 22
General
HSS Tap & Die Sets
Part No
Type
Size Range
No of Pcs
Set shown 6960009
6960009
BSW
1/4” - 1”
32
6960014
BSF
1/4” - 1”
32
6960023
UNC
1/4” - 1”
32
6960026
UNF
1/4” - 1”
32
6960038
Metric
M3 - M12
26
6960042
Metric
M6 - M24
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com