Electronic Components Datasheet Search
  English  ▼

X  

0801009 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801009
Description  WMS-2 HF 2,4 (60X4)RL YE - Shrink sleeve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801009 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801009 Datasheet HTML 1Page - PHOENIX CONTACT 0801009 Datasheet HTML 2Page - PHOENIX CONTACT 0801009 Datasheet HTML 3Page - PHOENIX CONTACT 0801009 Datasheet HTML 4Page - PHOENIX CONTACT 0801009 Datasheet HTML 5Page - PHOENIX CONTACT 0801009 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Shrink sleeve, Roll, yellow, unmarked, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLLMASTER 300/600, THERMOMARK ROLL X1, THERMOMARK ROLL,
THERMOMARK ROLL 2.0, THERMOMARK X1.2, cable diameter range: 1.2 ... 2.4 mm,
unperforated, mounting type: slide-on, Number of individual labels: 1000, text field height: 4 mm,
text field width: 60 mm
Product description
Due to their ladder-style format, the preassembled shrink sleeves in the WMS-2 HF... product family provide a good overview and facilitate quick
use. After the printing and applying process, you have the option of shrinking the marked shrink sleeves by applying heat manually and thus fixing
them on the cable/wire.
Your advantages
Permanent and captive identification of single-core wires, wires, cables, pneumatic hoses, and other cylindrical objects
•
Ladder style design: For a good overview and to facilitate quick use, the sleeves are preassembled in cut lengths: 15 mm, 30 mm, or 60 mm
•
As an option, the sleeves can be shrunk by applying heat manually to fix the sleeve in position
•
High diameter coverage with a shrink ratio of 2:1
•
Widely used and proven worldwide in the railway industry
•
Commercial data
Item number
0801009
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG14
Product key
BG2216
GTIN
4055626043982
Weight per piece (including packing)
619.5 g
Weight per piece (excluding packing)
619.5 g
Customs tariff number
39173200
Country of origin
DK
WMS-2 HF 2,4 (60X4)RL YE - Shrink sleeve
0801009
https://www.phoenixcontact.com/us/products/0801009
Aug 7, 2025, 2:58AM
Page 1 (6)


Similar Part No. - 0801009

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801000 PHOENIX-0801000 Datasheet
189Kb / 6P
WMS-2 HF 2,4 (15X4)RL - Shrink sleeve
0801001 PHOENIX-0801001 Datasheet
192Kb / 6P
WMS-2 HF 3,2 (15X5)RL - Shrink sleeve
0801002 PHOENIX-0801002 Datasheet
192Kb / 6P
WMS-2 HF 3,2 (60X5)RL - Shrink sleeve
0801003 PHOENIX-0801003 Datasheet
191Kb / 6P
WMS-2 HF 9,5 (15X16)RL - Shrink sleeve
0801004 PHOENIX-0801004 Datasheet
191Kb / 6P
WMS-2 HF 2,4 (15X4)RL YE - Shrink sleeve
More results

Similar Description - 0801009

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
0815800 PHOENIX-0815800 Datasheet
46Kb / 3P
Fabric label - EMLC (20X8)RL YE
0816155 PHOENIX-0816155 Datasheet
48Kb / 3P
Label - EML (20X8)RL YE
0816168 PHOENIX-0816168 Datasheet
48Kb / 3P
Label - EML (30X20)RL YE
2904059 PHOENIX-2904059 Datasheet
34Kb / 1P
ELR-RO-T-2,4 -24VDC
0711836 PHOENIX-0711836 Datasheet
42Kb / 2P
Fixed bridge - FBRI 2-8 N SO YE/YE
1745166 PHOENIX-1745166 Datasheet
59Kb / 2P
IPC 16/ 2-ST-10,16 YE
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
3270437 PHOENIX-3270437 Datasheet
619Kb / 28P
Marshalling patchboard - PTMC 1,5-2 /YE
Jun 2, 2022
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com