Electronic Components Datasheet Search
  English  ▼

X  

0801428 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0801428
Description  UCT-WMT (30X4) BU - Conductor marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801428 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0801428 Datasheet HTML 1Page - PHOENIX CONTACT 0801428 Datasheet HTML 2Page - PHOENIX CONTACT 0801428 Datasheet HTML 3Page - PHOENIX CONTACT 0801428 Datasheet HTML 4Page - PHOENIX CONTACT 0801428 Datasheet HTML 5Page - PHOENIX CONTACT 0801428 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Conductor marking
Marking
Number of individual labels
30
Number of individual labels per row
10
Identification technology
Thermal transfer for sheets and cards
Dimensions
Width
30 mm
Height
4.15 mm
Depth
1.45 mm
Text field
Text field width
30 mm
Text field height
4 mm
Material specifications
Color
blue (RAL 5015)
Material
PC
Flammability rating according to UL 94
V0
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Components
free from silicone and halogen
Cable/line
External cable diameter
1.5 mm ... 14 mm
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
EN ISO 1518-1:2023 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2020-12 (following)
UCT-WMT (30X4) BU - Conductor marker
0801428
https://www.phoenixcontact.com/us/products/0801428
Aug 7, 2025, 2:50AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com