Electronic Components Datasheet Search
  English  ▼

X  

0803108 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803108
Description  WMS 19,1 (60X30)RL YE - Shrink sleeve
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803108 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803108 Datasheet HTML 1Page - PHOENIX CONTACT 0803108 Datasheet HTML 2Page - PHOENIX CONTACT 0803108 Datasheet HTML 3Page - PHOENIX CONTACT 0803108 Datasheet HTML 4Page - PHOENIX CONTACT 0803108 Datasheet HTML 5Page - PHOENIX CONTACT 0803108 Datasheet HTML 6Page - PHOENIX CONTACT 0803108 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Shrink sleeve, Roll, yellow, unmarked, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLLMASTER 300/600, THERMOMARK ROLL X1, THERMOMARK ROLL,
THERMOMARK ROLL 2.0, THERMOMARK W, THERMOMARK X1.2, cable diameter range: 6.4
... 19.1 mm, unperforated, mounting type: slide-on, Number of individual labels: 1000, text field
height: 30 mm, text field width: 60 mm
Product description
Due to their ladder-style format, the preassembled shrink sleeves in the WMS... product family provide a good overview and facilitate quick use.
After the printing and applying process, you have the option of shrinking the marked shrink sleeves by applying heat manually and thus fixing them
on the cable/wire.
Your advantages
Permanent and captive identification of single-core wires, wires, cables, pneumatic hoses, and other cylindrical objects
•
Ladder style design: For a good overview and to facilitate quick use, the sleeves are preassembled in cut lengths: 15 mm, 30 mm, or 60 mm
•
As an option, the sleeves can be shrunk by applying heat manually to fix the sleeve in position
•
High diameter coverage with a shrink ratio of 3:1
•
Widely used and proven worldwide in control cabinet and machine building, the oil and gas industry, and the railway industry
•
Commercial data
Item number
0803108
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG14
Product key
BG2216
GTIN
4046356938037
Weight per piece (including packing)
2,119.7 g
Weight per piece (excluding packing)
2,119.7 g
Customs tariff number
39173200
Country of origin
CN
WMS 19,1 (60X30)RL YE - Shrink sleeve
0803108
https://www.phoenixcontact.com/us/products/0803108
Aug 7, 2025, 7:09AM
Page 1 (7)


Similar Part No. - 0803108

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803102 PHOENIX-0803102 Datasheet
200Kb / 7P
WMS 3,2 (60X5)RXL YE - Shrink sleeve
0803103 PHOENIX-0803103 Datasheet
201Kb / 7P
WMS 4,8 (60X9)RXL YE - Shrink sleeve
0803104 PHOENIX-0803104 Datasheet
201Kb / 7P
WMS 6,4 (60X10)RXL YE - Shrink sleeve
0803105 PHOENIX-0803105 Datasheet
200Kb / 7P
WMS 9,5 (60X16)RL - Shrink sleeve
0803106 PHOENIX-0803106 Datasheet
201Kb / 7P
WMS 9,5 (60X16)RL YE - Shrink sleeve
More results

Similar Description - 0803108

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
0801729 PHOENIX-0801729 Datasheet
47Kb / 3P
Plastic label - EMLP (60X30)R SR
0815800 PHOENIX-0815800 Datasheet
46Kb / 3P
Fabric label - EMLC (20X8)RL YE
0816155 PHOENIX-0816155 Datasheet
48Kb / 3P
Label - EML (20X8)RL YE
0816168 PHOENIX-0816168 Datasheet
48Kb / 3P
Label - EML (30X20)RL YE
0822275 PHOENIX-0822275 Datasheet
64Kb / 3P
UC-EMP (60X30)
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
0822657 PHOENIX-0822657 Datasheet
59Kb / 4P
Plastic label - UC-EMLP (60X30) YE
09/11/2020
2701134 PHOENIX-2701134 Datasheet
167Kb / 4P
Mounting adapter - FL EPA WMS
Dec 6, 2022
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com