Electronic Components Datasheet Search
  English  ▼

X  

0804526 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804526
Description  WMS-2 HF 9,5 (EX16)R RD - Shrink sleeve
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804526 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804526 Datasheet HTML 1Page - PHOENIX CONTACT 0804526 Datasheet HTML 2Page - PHOENIX CONTACT 0804526 Datasheet HTML 3Page - PHOENIX CONTACT 0804526 Datasheet HTML 4Page - PHOENIX CONTACT 0804526 Datasheet HTML 5Page - PHOENIX CONTACT 0804526 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Shrink sleeve, Roll, red, unmarked, can be labeled with: THERMOMARK E.SLEEVE,
THERMOMARK E.300 (D)/600 (D), THERMOMARK ROLLMASTER 300/600, THERMOMARK
ROLL X1, THERMOMARK ROLL, THERMOMARK ROLL 2.0, THERMOMARK W,
THERMOMARK X1.2, cable diameter range: 4.8 ... 9.5 mm, unperforated, mounting type: slide-
on, cable diameter range (automated processing): 4.8 ... 8 mm, Number of individual labels: 1,
roll length: 20 m, text field height: 16 mm, text field width: 20000 mm
Product description
The continuous shrink sleeves in the WMS-2 HF... product family, in size 3.2 ... 9.5, are suitable for automated processing with the
THERMOMARK E.SLEEVE applicator. The continuous format of the material means that individual marker lengths can be realized. After the
printing and applying process, you have the option of shrinking the marked shrink sleeves by applying heat manually and thus fixing them on the
cable/wire.
Your advantages
Permanent and captive identification of single-core wires, wires, cables, pneumatic hoses, and other cylindrical objects
•
High flexibility, as individual marker lengths ranging from 3.45 mm ... 2000 mm (0.14" ... 78.7") can be realized in combination with the cutter and
perforation cutter
•
As an option, the sleeves can be shrunk by applying heat manually to fix the sleeve in position
•
High diameter coverage with a shrink ratio of 2:1
•
Widely used and proven worldwide in the railway industry
•
Commercial data
Item number
0804526
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG14
Product key
BG2216
GTIN
4055626404127
Weight per piece (including packing)
457.4 g
Weight per piece (excluding packing)
423.51 g
Customs tariff number
39173200
Country of origin
PL
WMS-2 HF 9,5 (EX16)R RD - Shrink sleeve
0804526
https://www.phoenixcontact.com/us/products/0804526
Aug 7, 2025, 7:09AM
Page 1 (6)


Similar Part No. - 0804526

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804520 PHOENIX-0804520 Datasheet
189Kb / 6P
WMS-2 HF 4,8 (EX9)R YE - Shrink sleeve
0804521 PHOENIX-0804521 Datasheet
186Kb / 5P
WMS-2 HF 12,7 (EX20)R YE - Shrink sleeve
0804522 PHOENIX-0804522 Datasheet
176Kb / 4P
EO-SI-FRAME - Adapter plate
0804524 PHOENIX-0804524 Datasheet
188Kb / 6P
WMS-2 HF 9,5 (EX16)R - Shrink sleeve
0804525 PHOENIX-0804525 Datasheet
189Kb / 6P
WMS-2 HF 9,5 (EX16)R BU - Shrink sleeve
More results

Similar Description - 0804526

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0201676 PHOENIX-0201676 Datasheet
47Kb / 2P
Insulating sleeve - MPS-IH RD - 0201676
0311579 PHOENIX-0311579 Datasheet
48Kb / 2P
Insulating sleeve - PS-IH RD - 0311579
0801014 PHOENIX-0801014 Datasheet
55Kb / 3P
WMS shrink sleeves provide permanent and captive conductor and cable marking
0815703 PHOENIX-0815703 Datasheet
47Kb / 3P
Label - EML (26,5X17,5)R RD
1714971 PHOENIX-1714971 Datasheet
137Kb / 5P
MKDS 5/ 2-9,5
2909413 PHOENIX-2909413 Datasheet
96Kb / 2P
MKDSO 2,5/ 4-R RD
0803928 PHOENIX-0803928 Datasheet
172Kb / 3P
Shrink sleeve - MM-WMS-2 4,8 (EX9)R C1 WH/BK
12/24/2021
0800294 PHOENIX-0800294 Datasheet
449Kb / 14P
WMS 12,7 (EX20)R - Shrink sleeve
Oct 17, 2023,
logo
Molex Electronics Ltd.
2243561216 MOLEX-2243561216 Datasheet
626Kb / 1P
SW1 6.00MM R-R 1M 2AWG RD
2023/11/30
2244121216 MOLEX-2244121216 Datasheet
625Kb / 1P
SW1 8.00MM R-R 1M 1/0AWG RD
2023/11/27
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com