Electronic Components Datasheet Search
  English  ▼

X  

AM2729-125 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AM2729-125
Description  RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM2729-125 Datasheet(HTML) 4 Page - STMicroelectronics

  AM2729-125 Datasheet HTML 1Page - STMicroelectronics AM2729-125 Datasheet HTML 2Page - STMicroelectronics AM2729-125 Datasheet HTML 3Page - STMicroelectronics AM2729-125 Datasheet HTML 4Page - STMicroelectronics AM2729-125 Datasheet HTML 5Page - STMicroelectronics AM2729-125 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IMPEDANCE DATA
L
ZIN
H
M
ZCL
H
L
M
PIN
= 25 W
VCC
= 40 V
Normalized to 50 ohms
FREQ.
ZIN (
Ω)ZCL (Ω)
H
= 2.9 GHz
8.8 + j 7.3
3.7
− j 2.7
M
= 2.8 GHz
9.4 + j 8.2
4.1
− j 2.9
L
= 2.7 GHz
9.9 + j 9.1
4.4
− j 3.2
AM2729-125



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com