Electronic Components Datasheet Search
  English  ▼

X  

MPC211 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # MPC211
Description  21.5" Medical Grade Panel Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

MPC211 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  MPC211 Datasheet HTML 1Page - Axiomtek Co., Ltd. MPC211 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All specifications and photos are subject to change without notice.
Medical Panel Computers
6
Touchscreen
Resistive type
Others
RFID card reader (optional)
Power Supply
24V DC
Power Consumption
150W
Dimension
531 mm (20.91") (W) x 345 mm (13.58") (D) x 62 mm (2.44") (H)
Operating Temperature Operating temperature: 0°C to 35°C (32°F to 95°F)
Storage temperature: 0°C to 50°C (32°F to 122°F)
Relative Humidity
Operating humidity: 10% to 95% @ +40°C
Storage humidity: 5% to 95% @ +60°C
Certifications
EC 60601, FCC Part 18, Class B
OS
Windows 10 IoT Ent /Windows 11 IoT Ent
Specifications
Ordering Information
Standard
MPC211
(P/N: TBC)
21.5" fanless medical panel PC with Intel® Core™ Ultra 5 processor (Series 1), 4 USB 3.2 Type-A,1 USB 3.2 Type-C,1 HDMI 2.1,
two 2.5GbE LAN, dual 2W speakers, and optional RFID module or capture card
MPC211
(P/N: TBC)
21.5" fanless medical panel PC with Intel® Core™ Ultra 7 processor (Series 1), 4 USB 3.2 Type-A,1 USB 3.2 Type-C,1 HDMI 2.1,
two 2.5GbE LAN, dual 2W speakers, and optional RFID module or capture card
* Other configuration by request
* Specification and certifications may vary based on different requirements
Dimensions
530.84
62.00



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com