Electronic Components Datasheet Search
  English  ▼

X  

OPS530 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # OPS530
Description  Open Pluggable Specification (OPS) Digital Signage Player with 12th Gen Intel® Core™ i7/i5 Processor, Intel® Iris® Xe Graphics with 4K60Hz, and TPM 2.0
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

OPS530 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  OPS530 Datasheet HTML 1Page - Axiomtek Co., Ltd. OPS530 Datasheet HTML 2Page - Axiomtek Co., Ltd. OPS530 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.axiomtek.com
OPS+ & OPS Digital Signage Players
I/O
3 x USB 3.2 Gen 2
1 x USB 3.2 Gen 1
1 x USB Type-C
1 x 10/100/1000 Mbps Ethernet (RJ-45)
1 x HDMI 1.4b supporting 4K @ 30Hz
1 x Line-out (3.5 mm)
1 x Mic-in (3.5 mm)
2 x antenna opening
1 x power button
1 x power LED
1 x HDD LED
JAE TX-25A
1 x HDMI 2.0a supporting 4K @ 60Hz
1 x DisplayPort 1.2 supporting 4K @ 60Hz
2 x USB 2.0
1 x USB 3.2 Gen 1
1 x audio (Line-out)
1 x UART (TX/RX)
Indicator
1 x LED for system power on
1 x LED for storage activity
Expansion Interface
1 x M.2 Key E 2230 for Wi-Fi
Dimensions (W x D x H) 200 x 119 x 30 mm (7.87" x 4.68" x 1.18")
Weight (net/gross)
1 kg (2.21 lb)/1.5 kg (3.3 lb)
Operating Temperature 0°C to +45°C (+32°F to +113°F)
Certifications
CE, FCC Class B
Country of Origin
China
Specifications
Standard
OPS530-I5-WTPM
1240P
OPS digital signage player with Intel® Core™ i5-1240P processor (28W), 2 SO-DIMM, 1 M.2 SSD, 1 HDMI, 1 LAN, 1 USB Type-C,
3 USB 3.2 Gen 2, 1 USB 3.2 Gen 1, featuring vPro and TPM
*MOQ: 300pcs (made in China)
OPS530-I7-WTPM
1260P
OPS digital signage player with Intel® Core™ i7-1260P processor (28W), 2 SO-DIMM, 1 M.2 SSD, 1 HDMI, 1 LAN, 1 USB Type-C,
3 USB 3.2 Gen 2, 1 USB 3.2 Gen 1, featuring vPro and TPM
*MOQ: 300pcs (made in China)
OPS530-I5-WTPM
1235U
OPS digital signage player with Intel® Core™ i5-1235U processor (15W), 2 SO-DIMM, 1 M.2 SSD, 1 HDMI, 1 LAN, 1 USB Type-C,
3 USB 3.2 Gen 2, 1 USB 3.2 Gen 1, featuring vPro and TPM
*MOQ: 300pcs (made in China)
OPS530-I7-WTPM
1255U
OPS digital signage player with Intel® Core™ i7-1255U processor (15W), 2 SO-DIMM, 1 M.2 SSD, 1 HDMI, 1 LAN, 1 USB Type-C,
3 USB 3.2 Gen 2, 1 USB 3.2 Gen 1, featuring vPro and TPM
*MOQ: 300pcs (made in China)
Ordering Information



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com