Electronic Components Datasheet Search
  English  ▼

X  

USB CABLE Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # USB CABLE
Description  1.6" SBC with Intel Alder Lake-N® Processor, LPDDR5, eDP, M.2 Key E, 2 USB 3.2 (Type-C), and USB 3.2 (Vertical Type-C)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

USB CABLE Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  USB CABLE Datasheet HTML 1Page - Axiomtek Co., Ltd. USB CABLE Datasheet HTML 2Page - Axiomtek Co., Ltd. USB CABLE Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.axiomtek.com
Small Form Factor Embedded Boards
Specifications
Display
Chipset
Intel® UHD Graphics
Memory Size
Shared system memory
Display Interface
1 x eDP
I/O
SATA
N/A
Hardware Monitoring
Detect temperature, voltage, and fan speed
Ethernet
N/A
USB
Horizontal:
1 x USB 3.2 Type-C (2 x USB 3.2 + 2 x USB 2.0 + 5V/3A + DisplayPort)
1 x USB 3.2 Type-C (2 x USB 3.2 + 2 x USB 2.0 + 5V/3A)
Vertical:
1 x USB 3.2 Type-C (2 x USB 3.2 + 2 x USB 2.0 + 5V/3A)
Internal:
1 x USB 2.0 header (1 x 4-pin wafer)
TPM
N/A
Mechanical and Environmental
Dimensions
72 mm × 56 mm
Board Thickness
1.6 mm
Operating Temperature 0°C to +60°C (+32°F to +140°F)
Relative Humidity
10% to 95% relative humidity, non-condensing
Ordering Information
Standard
KIWI330-N50-S
(P/N: E3D0330100)
Intel® processor N50, 4GB LPDDR5, and 64GB NVMe SSD
KIWI330-N50-M5
(P/N: E3D0330103)
Intel® processor N50, 4GB LPDDR5, and 64GB NVMe SSD with MIO335
Optional
MIO334-6COM-S
(P/N: E39Q334101)
6-port COM module, 3 DB9 RS-232, and 3 header RS-232
MIO335-2LAN-S
(P/N: E39Q335101)
Dual GbE LAN module, 2 RJ-45 GbE LAN, and 2 USB 2.0 Type-A
USB cable
(P/N: 594P8802810E)
USB‑to‑1.25_4‑pin housing, L = 150 mm
COM cable
(P/N: 59380880250E)
COM‑port cable, DB9 ‑ 9 × 1 P, L = 250 mm, P = 1.25
Adapter
(P/N: 50966124050E)
Adapter 12V 60W FSP060-DHAN3 with screw



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com