Electronic Components Datasheet Search
  English  ▼

X  

P10 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P10
Description  3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P10 Datasheet(HTML) 1 Page - Vishay Siliconix

  P10 Datasheet HTML 1Page - Vishay Siliconix P10 Datasheet HTML 2Page - Vishay Siliconix P10 Datasheet HTML 3Page - Vishay Siliconix P10 Datasheet HTML 4Page - Vishay Siliconix P10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P10
www.vishay.com
Vishay Sfernice
Revision: 16-Mar-16
1
Document Number: 51030
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
P10 panel potentiometer combines the very good setting
stability offered by Vishay Sfernice trimmers (due to their
proprietary multifinger wiper), with a mechanical life of
10 000 cycles.
It is an ideal choice to set and control parameters such as
temperature, time, volume levels, etc.
FEATURES
• Industrial grade
• 0.5 W at 70 °C
• Cermet element
• Miniature compact
• Plastic housing and shaft
• Fully sealed
• 7 standard pin styles
• Test according to CECC 41000 or IEC 60393-1
• 10 000 cycles rotational life
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in millimeters (inches) ± 0.5 mm (± 0.02")
P10: Side Adjust
P10: Top Adjust
3
3 x Ø 0.5
(0.02)
5.5
(0.22)
2.54
(0.10)
AI = 20
(0.79)
AG = 16
(0.63)
Ø 3
(0.12)
4 Min.
(0.16)
M6 x 0.75
2
1
3
2
1
9.7
(0.38)
1.15
(0.05)
2.54
(0.10)
2.54
(0.10)
1
(0.04)
0.6
(0.02)
5.2
(0.20)
5.3
(0.21)
9.6
(0.38)
P10XX
P10XC
2.54
(0.10)
AI = 20
(0.79)
AG = 16
(0.63)
Ø 3
(0.12)
M6 x 0.75
1.15
(0.05)
2.54
(0.10)
2.54
(0.10)
1
(0.04)
0.6
(0.02)
5.2
(0.20)
5.3
(0.21)
P10XH
1
2
3
2.54 (0.10)
2.54 (0.10)
2.7 (0.11)
P10XW
1
2
3
2.54 (0.10)
2.54 (0.10)
2.7 (0.11)
5.5
(0.22)
9.7
(0.38)
9.6
(0.38)
0.6
(0.02)
3 x Ø 0.5
(0.02)
5.2
(0.20)
5.3
(0.21)
AI = 20
(0.79)
AG = 16
(0.63)
Ø 3
(0.12)
4 Min.
(0.16)
1
(0.04)
M6 x 0.75
2.54
(0.10)
2.54
(0.10)
2.54
(0.10)
4.85
(0.19)
2.25
(0.09)
5.08
(0.20)
2.54
(0.10)
2.54
(0.10)
2.54
(0.10)
2.54
(0.10)
2.54
(0.10)
2.54
(0.10)
P10YP
P10YE
P10YM
3
2
1
3
2
1
3
2
1


Similar Part No. - P10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P10 VISHAY-P10 Datasheet
115Kb / 4P
3/8" Square Potentiometers Cermet Fully Sealed
02-Jul-07
logo
Cornell Dubilier Electr...
P10 CDE-P10 Datasheet
189Kb / 4P
Conformally coated, axial leaded
logo
Vishay Siliconix
P10 VISHAY-P10 Datasheet
105Kb / 5P
3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
04-Jul-17
P10 VISHAY-P10 Datasheet
90Kb / 5P
3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
01-Oct-2019
logo
Schneider Electric
P10 SCHNEIDER-P10 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
More results

Similar Description - P10

ManufacturerPart #DatasheetDescription
logo
Bi technologies
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Vishay Siliconix
P10 VISHAY-P10 Datasheet
115Kb / 4P
3/8" Square Potentiometers Cermet Fully Sealed
02-Jul-07
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
3/8??Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Vishay Siliconix
P10 VISHAY-P10_17 Datasheet
105Kb / 5P
3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
04-Jul-17
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
P13 VISHAY-P13_17 Datasheet
137Kb / 7P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
P10 VISHAY-P10_V01 Datasheet
90Kb / 5P
3/8" Square Panel Potentiometer Miniature - Cermet - Fully Sealed
01-Oct-2019
T9XA474KT20 VISHAY-T9XA474KT20 Datasheet
108Kb / 5P
3/8 Square Multi-Turn Fully Sealed Container Cermet Trimmer
26-Jan-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com