Electronic Components Datasheet Search
  English  ▼

X  

PT02A22-21P. Datasheet(PDF) 21 Page - Amphenol Industrial Products Group.

Part # PT02A22-21P.
Description  Miniature Cylindrical Connectors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

PT02A22-21P. Datasheet(HTML) 21 Page - Amphenol Industrial Products Group.

Back Button PT02A22-21P. Datasheet HTML 17Page - Amphenol Industrial Products Group. PT02A22-21P. Datasheet HTML 18Page - Amphenol Industrial Products Group. PT02A22-21P. Datasheet HTML 19Page - Amphenol Industrial Products Group. PT02A22-21P. Datasheet HTML 20Page - Amphenol Industrial Products Group. PT02A22-21P. Datasheet HTML 21Page - Amphenol Industrial Products Group. PT02A22-21P. Datasheet HTML 22Page - Amphenol Industrial Products Group. PT02A22-21P. Datasheet HTML 23Page - Amphenol Industrial Products Group. PT02A22-21P. Datasheet HTML 24Page - Amphenol Industrial Products Group. PT02A22-21P. Datasheet HTML 25Page - Amphenol Industrial Products Group. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
19
Shell
Size
Part Number*
PT07 with PCB
Contacts
Receptacle Front View
Receptacle Side View
H
+.017
–.016
S
±.010
A Dia.
+.001
–.005
J Flat
+.000
–.010
K
+.011
–.010
M
±.010
P Panel
Thickness
R
Thread
Class 2A
Z
+.025
–.035
Min.
Max.
6
71-533720-XXX
.625
.812
.348
.405
.125
.696
.062
.125
.4375-28 UNEF .376
8
71-533721-XXX
.750
.938
.473
.530
.125
.696
.062
.125
.5625-24 UNEF .376
10
71-533722-XXX
.875
1.062
.590
.655
.125
.696
.062
.125
.6875-24 UNEF .376
12
71-533723-XXX
1.062
1.250
.750
.818
.125
.696
.062
.125
.8750-20 UNEF .376
14
71-533724-XXX
1.188
1.375
.875
.942
.125
.696
.062
.125 1.0000-20 UNEF .376
16
71-533725-XXX
1.312
1.500
1.000
1.066
.125
.696
.062
.125 1.1250-18 UNEF .376
18
71-533726-XXX
1.438
1.625
1.125
1.191
.125
.696
.062
.125 1.2500-18 UNEF .376
20
71-533727-XXX
1.562
1.812
1.250
1.316
.156
.884
.062
.250 1.3750-18 UNEF .367
22
71-533728-XXX
1.688
1.938
1.375
1.441
.156
.884
.062
.250 1.5000-18 UNEF .367
24
71-533729-XXX
1.816
2.062
1.500
1.566
.156
.917
.062
.250 1.6250-18 UNEF .334
All dimensions for reference only.
* For RoHS compliance connectors with PCB contacts change “71”- to:
“FL” designates conductive gray zinc nickel plating
“93” designates black zinc cobalt plating
PT Connectors with
Printed Circuit Board Contacts
Shell
Size
Part Number*
PT02 with PCB
Contacts
Receptacle Front View
Receptacle Side View
R
(TP)
S
+.011
–.010
A
+.001
–.005
K
+.021
–.010
L
Max.
M
+.010
–.000
N
Dia.
Max.
Z
+.040
–.050
6
71-570120-XXX
.469
.688
.348
.493
.825
.431
.323
.380
8
71-570121-XXX
.594
.812
.473
.493
.825
.431
.449
.380
10
71-570122-XXX
.719
.938
.590
.493
.825
.431
.573
.380
12
71-570123-XXX
.812
1.031
.750
.493
.825
.431
.699
.380
14
71-570124-XXX
.906
1.125
.875
.493
.825
.431
.823
.380
16
71-570125-XXX
.969
1.219
1.000
.493
.825
.431
.949
.380
18
71-570126-XXX
1.062
1.312
1.125
.493
.825
.431
1.073
.380
20
71-570127-XXX
1.156
1.438
1.250
.650
1.076
.556
1.199
.286
22
71-570128-XXX
1.250
1.562
1.375
.650
1.076
.556
1.323
.286
24
71-570129-XXX
1.375
1.688
1.500
.683
1.109
.589
1.449
.253
All dimensions for reference only.
Jam Nut Receptacle (PT07)
with PCB Contacts
All lockwire holes are .044 Dia. Min.
Order by applicable part number in chart below;
add insert arrangement number. Refer to insert availability
on pages 4-10.
Box Mounting Receptacle (PT02)
with PCB Contacts
Order by applicable part number in chart below;
add insert arrangement number. Refer to insert availability
on pages 4-10.
n
(MMC) located within .0025 of (TP)
S
S
R
(TP)
R
(TP)
.120 ± .005 Dia.
(.147 ± .005 Dia., size 24)
4 HOLES
AN
K
Z
L
M
.030 ± .001
S
H
S
J A
MZ
R
P
K
.030 ± .001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com