Electronic Components Datasheet Search
  English  ▼

X  

ADC12DL040 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC12DL040
Description  ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL040 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC12DL040 Datasheet HTML 9Page - Texas Instruments ADC12DL040 Datasheet HTML 10Page - Texas Instruments ADC12DL040 Datasheet HTML 11Page - Texas Instruments ADC12DL040 Datasheet HTML 12Page - Texas Instruments ADC12DL040 Datasheet HTML 13Page - Texas Instruments ADC12DL040 Datasheet HTML 14Page - Texas Instruments ADC12DL040 Datasheet HTML 15Page - Texas Instruments ADC12DL040 Datasheet HTML 16Page - Texas Instruments ADC12DL040 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
tf
tr
tEN
tDIS
tOD
Clock N
Clock N + 7
Sample N + 7
tAD
Sample N + 6
Sample N
Sample N + 8
Sample N + 9
Sample N + 10
CLK
OE
(A or B)
VIN
D0 - D11
(A or B)
DB0/ABb
tCL
tCH
Data N + 2
D0 - D11
Multiplex Output Mode
tOD
90%
10%
90%
10%
1
fCLK
tOD
DataA
N-1
DataB
N-1
DataA
N
DataB
N
DataA
N+1
DataB
N+1
DataA
N+2
DataB
N+2
tSKEW
Latency
Channel A Latency
Channel B Latency
Data N
Data N - 1
Parallel Output Mode
ADC12DL040
www.ti.com
SNAS250D – FEBRUARY 2005 – REVISED APRIL 2013
Timing Diagram
Figure 1. Output Timing
Transfer Characteristic
Figure 2. Transfer Characteristic
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC12DL040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com