Electronic Components Datasheet Search
  English  ▼

X  

ADS1601 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS1601
Description  16-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1601 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1601 Datasheet HTML 8Page - Texas Instruments ADS1601 Datasheet HTML 9Page - Texas Instruments ADS1601 Datasheet HTML 10Page - Texas Instruments ADS1601 Datasheet HTML 11Page - Texas Instruments ADS1601 Datasheet HTML 12Page - Texas Instruments ADS1601 Datasheet HTML 13Page - Texas Instruments ADS1601 Datasheet HTML 14Page - Texas Instruments ADS1601 Datasheet HTML 15Page - Texas Instruments ADS1601 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
ClockFrequency, f
(MHz)
CLK
0
5
10
15
20
V
=
f
=
IN
IN
-6dBFS,
10kHz
R
=
BIAS
267kW
R
=
BIAS
210kW
R
=
BIAS
60kW
-80
-90
-100
-110
-120
R
=
BIAS
140kW
ClockFrequency, f
(MHz)
CLK
R
=
BIAS
60kW
R
=
BIAS
210kW
R
=
BIAS
267kW
V
= 6dBFS,f
IN
IN
-
=10kHz
0
5
10
15
20
100
95
90
85
80
75
70
R
=
BIAS
140kW
1000
100
10
1
0.1
-3
-2
-1
3
0
1
2
InputDCVoltage(V)
ClockFrequency, f
(MHz)
CLK
R
=
BIAS
60kW
R
=
BIAS
140kW
R
=
BIAS
267kW
V
=
f
=
IN
IN
6dBFS,
-
10kHz
0
5
10
15
20
120
110
100
90
80
R
=
BIAS
210kW
1500
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
-4
-3
-2
-1
0
1
2
3
4
OutputCode(LSB)
V
=0V
IN
3
2
1
0
-1
-2
-3
-4
0
100
200
300
400
500
600
700
800
900 1000
TimeInterval(s)
ADS1601
SBAS322D
– DECEMBER 2004 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 20MHz, VREF = +3V, VCM = +2.7V, and
RBIAS = 60kΩ, unless otherwise noted.
SIGNAL-TO-NOISE RATIO
TOTAL HARMONIC DISTORTION
vs CLOCK FREQUENCY
vs CLOCK FREQUENCY
Figure 21.
Figure 22.
SPURIOUS-FREE DYNAMIC RANGE
NOISE
vs CLOCK FREQUENCY
vs DC INPUT VOLTAGE
Figure 23.
Figure 24.
NOISE HISTOGRAM
OFFSET DRIFT OVER TIME
Figure 25.
Figure 26.
12
Copyright
© 2004–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com