Electronic Components Datasheet Search
  English  ▼

X  

ADS7822EB Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS7822EB
Description  12-Bit, 200kHz, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7822EB Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS7822EB Datasheet HTML 9Page - Texas Instruments ADS7822EB Datasheet HTML 10Page - Texas Instruments ADS7822EB Datasheet HTML 11Page - Texas Instruments ADS7822EB Datasheet HTML 12Page - Texas Instruments ADS7822EB Datasheet HTML 13Page - Texas Instruments ADS7822EB Datasheet HTML 14Page - Texas Instruments ADS7822EB Datasheet HTML 15Page - Texas Instruments ADS7822EB Datasheet HTML 16Page - Texas Instruments ADS7822EB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
www.ti.com
Data Format
1000
100
10
1
0.1
1
10
100
SampleRate(kHz)
V
=5.0V
CC
V
=5.0V
REF
V
=2.7V
CC
V
=2.5V
REF
T =25 C
°
A
f
=1.2MHz
CLK
POWER DISSIPATION
1000
100
10
1
0.1
1
10
100
SampleRate(kHz)
T =25 C
°
A
V
=2.7V
CC
V
=2.5V
REF
f
=16
f
·
CLK
SAMPLE
ADS7822
SBAS062C – JANUARY 1996 – REVISED AUGUST 2007
A falling CS signal initiates the conversion and data
transition (as is typical for digital CMOS components),
transfer. The first 1.5 to 2.0 clock periods of the
but also uses some current for the analog circuitry,
conversion cycle are used to sample the input signal.
such
as
the
comparator.
The
analog
section
After the second falling DCLOCK edge, DOUT is
dissipates power continuously, until the power-down
enabled and outputs a low value for one clock period.
mode is entered.
For the next 12 DCLOCK periods, DOUT outputs the
Figure 24 shows the current consumption of the
conversion result, most significant bit first.
ADS7822 versus sample rate. For this graph, the
After the least significant bit (B0) has been output,
converter is clocked at 1.2MHz regardless of the
subsequent clocks repeat the output data, but in a
sample rate—CS is high for the remaining sample
least significant bit first format. After the most
period. Figure 25 also shows current consumption
significant bit (B11) has been repeated, DOUT will
versus sample rate. However, in this case, the
tri-state. Subsequent clocks have no effect on the
DCLOCK period is 1/16th of the sample period—CS
converter. A new conversion is initiated only when CS
is high for one DCLOCK cycle out of every 16.
is taken high and returned low.
The output data from the ADS7822 is in straight
binary format, as shown in Table 2. This table
represents the ideal output code for the given input
voltage and does not include the effects of offset,
gain error, or noise.
Table 2. Ideal Input Voltages and Output Codes
DIGITAL OUTPUT
DESCRIPTION
ANALOG VALUE
STRAIGHT BINARY
Full-Scale range
VREF
Least significant
VREF/4096
bit (LSB)
BINARY CODE
HEX CODE
Full-Scale
VREF – 1 LSB
1111 1111 1111
FFF
Figure 24. Maintaining fCLK at the Highest
Midscale
VREF/2
1000 0000 0000
800
Possible Rate Allows the Supply Current to Drop
Midscale – 1 LSB
VREF/2 – 1 LSB
0111 1111 1111
7FF
Linearly with the Sample Rate
Zero
0V
0000 0000 0000
000
The architecture of the converter, the semiconductor
fabrication process, and a careful design allow the
ADS7822 to convert at up to a 75kHz rate while
requiring very little power. Still, for the absolute
lowest power dissipation, there are several things to
keep in mind.
The power dissipation of the ADS7822 scales directly
with conversion rate. So, the first step to achieving
the lowest power dissipation is to find the lowest
conversion rate that will satisfy the requirements of
the system.
In addition, the ADS7822 goes into power-down
mode under two conditions: when the conversion is
complete and whenever CS is high (see Figure 22).
Figure 25. Scaling fCLK Reduces the Supply
Current Only Slightly with the Sample Rate
Ideally, each conversion should occur as quickly as
possible; preferably, at a 1.2MHz clock rate. This
way, the converter spends the longest possible time
in the power-down mode. This is very important since
the converter not only uses power on each DCLOCK
Copyright © 1996–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS7822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com