Electronic Components Datasheet Search
  English  ▼

X  

CD74HC166M Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74HC166M
Description  CDx4HC(T)166 High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC166M Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC166M Datasheet HTML 3Page - Texas Instruments CD74HC166M Datasheet HTML 4Page - Texas Instruments CD74HC166M Datasheet HTML 5Page - Texas Instruments CD74HC166M Datasheet HTML 6Page - Texas Instruments CD74HC166M Datasheet HTML 7Page - Texas Instruments CD74HC166M Datasheet HTML 8Page - Texas Instruments CD74HC166M Datasheet HTML 9Page - Texas Instruments CD74HC166M Datasheet HTML 10Page - Texas Instruments CD74HC166M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
5.6 Switching Characteristics
Input tr, tf = 6 ns. Unless otherwise specified, CL = 50pF. See (Parameter Measurement Information)
PARAMETER
VCC (V)
25
℃
-40
℃ to
85
℃
-55
℃ to
125
℃
UNIT
TYP
MAX
MAX
MAX
HC TYPES
tpd
Clock to output
2
160
200
240
ns
4.5
13(3)
32
40
48
ns
6
27
34
41
ns
tt
Output transition time
2
75
95
110
ns
4.5
15
19
22
ns
6
13
16
19
ns
tPHL
Propagation delay MR to output
2
160
200
240
ns
4.5
32
40
48
ns
6
27
34
41
ns
CI
Input capacitance
10
10
10
pF
CPD
Power dissipation capacitance(1)
(2)
5
41
pF
HCT TYPES
tpd
Clock to output
4.5
40
50
60
ns
tt
Output transition time
4.5
15
19
22
ns
tPHL
Propagation delay
MR to output
4.5
40
50
60
ns
CI
Input capacitance
10
10
10
pF
(1)
CPD is used to determine the dynamic power consumption, per gate.
(2)
PD = CPD VCC 2fi + Σ (CL VCC 2 + fO) where fi = Input Frequency, fO = Output Frequency, CL = Output Load Capacitance, VCC = Supply
Voltage.
(3)
CL = 15 and VCC = 5 V.
www.ti.com
CD54HC166, CD54HCT166, CD74HC166, CD74HCT166
SCHS157D – FEBRUARY 1998 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD54HC166 CD54HCT166 CD74HC166 CD74HCT166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com