Electronic Components Datasheet Search
  English  ▼

X  

CDX4AC161 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDX4AC161
Description  CDx4AC161 4-Bit Synchronous Binary Counters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDX4AC161 Datasheet(HTML) 5 Page - Texas Instruments

  CDX4AC161 Datasheet HTML 1Page - Texas Instruments CDX4AC161 Datasheet HTML 2Page - Texas Instruments CDX4AC161 Datasheet HTML 3Page - Texas Instruments CDX4AC161 Datasheet HTML 4Page - Texas Instruments CDX4AC161 Datasheet HTML 5Page - Texas Instruments CDX4AC161 Datasheet HTML 6Page - Texas Instruments CDX4AC161 Datasheet HTML 7Page - Texas Instruments CDX4AC161 Datasheet HTML 8Page - Texas Instruments CDX4AC161 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
4.4 Thermal Information
THERMAL METRIC(1)
CDx4AC161
UNIT
E
M
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
67
73
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
4.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
–55°C to 125°C
–40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VOH
VI =VIH or VIL
IOH = –50 µA
1.5 V
1.4
1.4
1.4
V
3 V
2.9
2.9
2.9
4.5 V
4.4
4.4
4.4
IOH = –4 mA
3 V
2.58
2.4
2.48
IOH = –24 mA
4.5 V
3.94
3.7
3.8
IOH = –50 mA†
5.5 V
–
3.85
–
IOH = –75 mA†
5.5 V
–
–
3.85
VOL
VI = VIH or V IL
IOL = 50 µA
1.5 V
0.1
0.1
0.1
V
3 V
0.1
0.1
0.1
4.5 V
0.1
0.1
0.1
IOL = 12 mA
3 V
0.36
0.5
0.44
IOL = 24 mA
4.5 V
0.36
0.5
0.44
IOL = 50 mA†
5.5 V
1.65
IOL = 75 mA†
5.5 V
1.65
II
VI = V CC or GND
5.5 V
± 0.1
± 1
± 1
µA
ICC
VI = V CC or GND
IO = 0
5.5 V
8
160
80
µA
Ci
10
10
10
pF
4.6 Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted)
VCC
–55°C to 125°C
–40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
1.5 V
7
8
MHz
3.3 V ± 0.3 V
64
73
5 V ± 0.5 V
90
103
tw
Pulse duration
CLK high or low
1.5 V
69
61
ns
3.3 V ± 0.3 V
7.7
6.8
5 V ± 0.5 V
5.5
4.8
CLR low
1.5 V
63
55
ns
3.3 V ± 0.3 V
7
6.1
5 V ± 0.5 V
5
4.4
www.ti.com
CD54AC161, CD74AC161
SCHS239D – NOVEMBER 1998 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CD54AC161 CD74AC161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com