Electronic Components Datasheet Search
  English  ▼

X  

CD54HC165 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD54HC165
Description  CDx4HC165, CDx4HCT165 High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC165 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54HC165 Datasheet HTML 3Page - Texas Instruments CD54HC165 Datasheet HTML 4Page - Texas Instruments CD54HC165 Datasheet HTML 5Page - Texas Instruments CD54HC165 Datasheet HTML 6Page - Texas Instruments CD54HC165 Datasheet HTML 7Page - Texas Instruments CD54HC165 Datasheet HTML 8Page - Texas Instruments CD54HC165 Datasheet HTML 9Page - Texas Instruments CD54HC165 Datasheet HTML 10Page - Texas Instruments CD54HC165 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
5.6 Switching Characteristics
Input tr, tf = 6 ns. Unless otherwise specified, CL = 50pF
PARAMETER
VCC(V)
25
℃
-40
℃ to
85
℃
-55
℃ to
125
℃
UNIT
TYP
MAX
MAX
MAX
HC TYPES
tpd
CLK or CLK INH to QH or
Q H
2
165
205
250
ns
4.5
13(3)
33
41
50
ns
6
28
35
43
ns
SH/LD to QH or Q H
2
175
220
265
ns
4.5
14(3)
35
44
53
ns
6
30
37
45
ns
H to QH or Q H
2
150
190
225
ns
4.5
12(3)
30
38
45
ns
6
26
33
38
ns
tt
Output Transition Times
2
75
95
110
ns
4.5
15
19
22
ns
6
13
16
19
ns
CIN
Input Capacitance
10
10
10
pF
CPD
Power Dissipation
Capacitance(1) (2)
5
17
pF
HCT TYPES
tpd
CLK or CLK INH to QH or
Q H
4.5
17(3)
40
50
60
ns
SH/LD to QH or Q H
4.5
17(3)
40
50
60
ns
H to QH or Q H
4.5
14(3)
35
44
53
ns
tt
Output Transition Times
4.5
15
19
22
ns
CIN
Input Capacitance
10
10
10
pF
CPD
Power Dissipation
Capacitance(1) (2)
5
24
pF
(1)
CPD is used to determine the dynamic power consumption, per package.
(2)
PD = VCC 2 fi + Σ (CL VCC 2 + fO) where fi = Input Frequency, fO = Output Frequency, CL = Output Load Capacitance, VCC = Supply
Voltage.
(3)
CL = 15 pF and VCC = 5 V.
www.ti.com
CD54HC165, CD74HC165, CD54HCT165, CD74HCT165
SCHS156D – FEBRUARY 1998 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD54HC165 CD74HC165 CD54HCT165 CD74HCT165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com