Electronic Components Datasheet Search
  English  ▼

X  

CD54HC367F3A Datasheet(PDF) 1 Page - Texas Instruments

Part # CD54HC367F3A
Description  CDx4HC367, CDx4HC368, CDx4HCT367, CD74HCT368 High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC367F3A Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC367F3A Datasheet HTML 1Page - Texas Instruments CD54HC367F3A Datasheet HTML 2Page - Texas Instruments CD54HC367F3A Datasheet HTML 3Page - Texas Instruments CD54HC367F3A Datasheet HTML 4Page - Texas Instruments CD54HC367F3A Datasheet HTML 5Page - Texas Instruments CD54HC367F3A Datasheet HTML 6Page - Texas Instruments CD54HC367F3A Datasheet HTML 7Page - Texas Instruments CD54HC367F3A Datasheet HTML 8Page - Texas Instruments CD54HC367F3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
CDx4HC367, CDx4HC368, CDx4HCT367, CD74HCT368 High-Speed CMOS Logic Hex
Buffer/Line Driver, Three-State Non-Inverting and Inverting
1 Features
• Buffered inputs
• High current bus driver outputs
• Two independent three-state enable controls
• Typical propagation delay tPLH, tPHL = 8 ns
at VCC = 5 V, CL =15 pF, TA = 25℃
• Fanout (over temperature range)
– Standard outputs: 10 LSTTL Loads
– Bus driver outputs: 15 LSTTL Loads
• Wide operating temperature range: -55
℃ to 125℃
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
Logic ICs
• HC Types
– 2 V to 6 V operation
– High noise immunity: NIL = 30%,
NIH = 30% of VCC at VCC = 5 V
• HCT Types
– 4.5 V to 5.5 V operation
– Direct LSTTL input logic compatibility,
VIL = 0.8 V (Max), VIH = 2 V (Min)
– CMOS input compatibility, II ≤ 1 μA at VOL, VOH
2 Description
The ’HC367, ’HCT367, ’HC368, and CD74HCT368
silicon gate CMOS three-state buffers are general
purpose high-speed non-inverting and inverting
buffers. The ’HC367 and ’HCT367 are non-inverting
buffers, whereas the ’HC368 and CD74HCT368 are
inverting buffers. They have high drive current outputs
which enable high speed operation even when driving
large bus capacitances. These circuits possess the
low power dissipation of CMOS circuitry, yet have
speeds comparable to low power Schottky TTL
circuits. Both circuits are capable of driving up to 15
low power Schottky inputs.
Device Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
CD74HC367M
SOIC (16)
9.90 mm × 3.90 mm
CD74HC368M
SOIC (16)
9.90 mm × 3.90 mm
CD74HCT367M
SOIC (16)
9.90 mm × 3.90 mm
CD74HCT368M
SOIC (16)
9.90 mm × 3.90 mm
CD74HC367E
PDIP (16)
19.31 mm × 6.35 mm
CD74HC368E
PDIP (16)
19.31 mm × 6.35 mm
CD74HCT367E
PDIP (16)
19.31 mm × 6.35 mm
CD74HCT368E
PDIP (16)
19.31 mm × 6.35 mm
CD54HC367F3A
CDIP (16)
24.38 mm × 6.92 mm
CD54HC368F3A
CDIP (16)
24.38 mm × 6.92 mm
CD54HCT367F3A
CDIP (16)
24.38 mm × 6.92 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
1OE
1
1A1
2
1Y1
3
2OE
15
2A1
12
2Y1
11
1A2
4
1Y2
5
1A3
6
1Y3
7
1A4
9
1Y4
10
2A2
14
2Y2
13
Functional Block Diagram
CD54HC367, CD74HC367, CD54HCT367
CD74HCT367, CD54HC368, CD74HC368, CD74HCT368
SCHS181E – NOVEMBER 1997 – REVISED FEBRUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD54HC367F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC367F3A TI-CD54HC367F3A Datasheet
270Kb / 11P
High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HC367F3A TI-CD54HC367F3A Datasheet
430Kb / 16P
High-Speed CMOS Logic Hex Buffer/Line Driver,Three-State Non-Inverting and Inverting
CD54HC367F3A TI-CD54HC367F3A Datasheet
460Kb / 16P
High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HC367F3A TI-CD54HC367F3A Datasheet
570Kb / 17P
High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
More results

Similar Description - CD54HC367F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC365 TI-CD74HC365 Datasheet
48Kb / 8P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC367 TI-CD74HC367 Datasheet
48Kb / 8P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HCT367 TI-CD54HCT367 Datasheet
270Kb / 11P
High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC366 TI-CD74HC366 Datasheet
283Kb / 13P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HC365 TI-CD54HC365 Datasheet
428Kb / 15P
High Speed CMOS Logic Hex Buffer/Line Driver Three-State Non-Inverting and Inverting
CD54HC367 TI-CD54HC367_07 Datasheet
430Kb / 16P
High-Speed CMOS Logic Hex Buffer/Line Driver,Three-State Non-Inverting and Inverting
CD54HC367 TI-CD54HC367_08 Datasheet
460Kb / 16P
High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HC367 TI-CD54HC367_08 Datasheet
570Kb / 17P
High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD54HC365 TI-CD54HC365_08 Datasheet
569Kb / 16P
High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
CD74HC366-Q1 TI1-CD74HC366-Q1 Datasheet
549Kb / 12P
HIGH-SPEED CMOS LOGIC HEX BUFFER/LINE DRIVER, THREE-STATE NON-INVERTING AND INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com