Electronic Components Datasheet Search
  English  ▼

X  

CD54HC367 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD54HC367
Description  CDx4HC367, CDx4HC368, CDx4HCT367, CD74HCT368 High-Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC367 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC367 Datasheet HTML 2Page - Texas Instruments CD54HC367 Datasheet HTML 3Page - Texas Instruments CD54HC367 Datasheet HTML 4Page - Texas Instruments CD54HC367 Datasheet HTML 5Page - Texas Instruments CD54HC367 Datasheet HTML 6Page - Texas Instruments CD54HC367 Datasheet HTML 7Page - Texas Instruments CD54HC367 Datasheet HTML 8Page - Texas Instruments CD54HC367 Datasheet HTML 9Page - Texas Instruments CD54HC367 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
5.5 Switching Characteristics
Input tr, tf = 6 ns. Unless otherwise specified, CL = 50pF
PARAMETER
VCC (V)
25
℃
-40
℃ to
85
℃
-55
℃ to
125
℃
UNIT
TYP
MAX
MAX
MAX
HC TYPES
tpd
Data to outputs
HC/HCT367
2
105
130
160
ns
4.5
21
26
32
ns
6
8(3)
18
24
27
ns
Data to outputs
HC/HCT368
2
105
130
160
ns
4.5
21
26
32
ns
6
9(3)
18
24
27
ns
Output enable and disable to
outputs
2
150
190
225
ns
4.5
30
38
45
ns
6
12(3)
26
33
38
ns
tt
Output transition time
2
60
75
90
ns
4.5
12
15
18
ns
6
10
13
15
ns
CI
Input capacitance
10
10
10
pF
CO
Three-state output capacitance
20
20
20
pF
CPD
Power dissipation capacitance(1)
(2)
5
40
pF
HCT TYPES
tpd
Data to outputs
HC/HCT367
4.5
9(3)
25
31
38
ns
Data to outputs
HC/HCT368
4.5
11(3)
30
38
45
ns
Output enable and disable to
outputs
4.5
14(3)
35
44
53
ns
tt
Output transition time
4.5
12
15
18
ns
CIN
Input capacitance
10
10
10
pF
CO
Three-state capacitance
20
20
20
pF
CPD
Power dissipation capacitance(1)
(2)
5
42
pF
(1)
CPD is used to determine the dynamic power consumption, per buffer.
(2)
PD = VCC 2 fi (CPD + CL) where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
(3)
CL = 15 pF and VCC = 5 V.
CD54HC367, CD74HC367, CD54HCT367
CD74HCT367, CD54HC368, CD74HC368, CD74HCT368
SCHS181E – NOVEMBER 1997 – REVISED FEBRUARY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC367 CD74HC367 CD54HCT367 CD74HCT367 CD54HC368 CD74HC368
CD74HCT368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com