Electronic Components Datasheet Search
  English  ▼

X  

EC2 Datasheet(PDF) 1 Page - Europa PLC

Part # EC2
Description  Open Front Enclosures
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC

EC2 Datasheet(HTML) 1 Page - Europa PLC

  EC2 Datasheet HTML 1Page - Europa PLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 1 of 1
EDS1172-001
Europa House, Airport Way, Luton, Beds, LU2 9NH Tel: 01582 692 440 / Fax: 01582 692 450 e-mail: sales@europacomponents.com
website: http://www.europacomponents.com
Available in either 2, 4 or 6 module
Suitable for * din rail mounted electrical distribution products
* (not including RCBOs)
Knock-outs & cut-outs moulded in for quick & easy installation
IP20 Rating
Part No.
Description
Height
Width
Depth
EC2
2 Module
140mm
52mm
60mm
EC4
4 Module
140mm
90mm
60mm
EC6
6 Module
160mm
122mm
65mm
RoHS
Compliant
Depth
Technical Data:
EC2 / EC4 / EC6
Open Front Enclosures
Important Safety Notice
It is the responsibility of the person installing the electrical equipment to ensure that the installation meets the requirements of the IET
wiring regulations and is therefore ‘fit for purpose’. Factors such as correct selection of components, cable sizing, protective devices and
Earth bonding are all critical and should be checked prior to full testing and power-up. Any other regulations applicable to the equipment
being installed such as the Machinery Directive and current health and safety legislation must also be adhered to.Terminals, including
factory fitted, must be checked for the correct tightness prior to commissioning of the electrical installation. All terminals should be checked
periodically to ensure correct tightness.
DO NOT USE POWER TOOLS ON THESE PRODUCTS
Width
EC_Range_Open_Front_Enclosures_Data_Sheet.qxd:Thurston GRG1.qxd
18/3/15
15:05
Page 1


Similar Part No. - EC2

ManufacturerPart #DatasheetDescription
logo
NEC
EC2 NEC-EC2 Datasheet
926Kb / 7P
Miniature Relays
EC2 NEC-EC2 Datasheet
142Kb / 12P
High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
EC2 NEC-EC2 Datasheet
107Kb / 8P
COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
logo
Samtec, Inc
EC2 SAMTEC-EC2 Datasheet
174Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH
EC2 SAMTEC-EC2 Datasheet
310Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH • ETMM/EHT/EC2 SERIES
More results

Similar Description - EC2

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
7720026 FIBOX-7720026 Datasheet
42Kb / 1P
Front plate (aluminium), for enclosures:
19.01.2023
7720027 FIBOX-7720027 Datasheet
42Kb / 1P
Front plate (aluminium), for enclosures
19.01.2023
7720070 FIBOX-7720070 Datasheet
42Kb / 1P
Front plate (aluminium), for enclosures:
19.01.2023
7720139 FIBOX-7720139 Datasheet
42Kb / 1P
Front plate (aluminium), for enclosures:
19.01.2023
8270080 FIBOX-8270080 Datasheet
47Kb / 1P
Swing door/Front plate, for enclosures
26.07.2023
8273020 FIBOX-8273020 Datasheet
47Kb / 1P
Swing door/Front plate, for enclosures
26.07.2023
8274030 FIBOX-8274030 Datasheet
47Kb / 1P
Swing door/Front plate, for enclosures
26.07.2023
8275040 FIBOX-8275040 Datasheet
47Kb / 1P
Swing door/Front plate, for enclosures
26.07.2023
8276040 FIBOX-8276040 Datasheet
47Kb / 1P
Swing door/Front plate, for enclosures
26.07.2023
8278060 FIBOX-8278060 Datasheet
47Kb / 1P
Swing door/Front plate, for enclosures:
26.07.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com